| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705CT4GRS/D Fiches technique(PDF) 89 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Fiches technique(HTML) 89 Page - NXP Semiconductors |
|
89 / 152 page ![]() Dual Phase-Locked Loop (PLL) Registers MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Dual Phase-Locked Loop (PLL) 89 11.3.2 12-Bit Reference Counter Modulus Register This 2-byte register holds the count for the 12-bit reference counter. The reference counter is shut off and held in reset when the REFON bit is cleared. For proper operation, this register must not be loaded with a value less than $000F. NOTE: Bit 4 to bit 7 of $000B are not used but they are physically present. The user may use these four bits for scratch memory. Address: $000B Bit 7 654321 Bit 0 Read: PLLRC11 PLLRC10 PLLRC9 PLLRC8 Write: Reset: 00000000 Address: $000C Bit 7 654321 Bit 0 Read: PLLRC7 PLLRC6 PLLRC5 PLLRC4 PLLRC3 PLLRC2 PLLRC1 PLLRC0 Write: Reset: 00000000 = Unimplemented Figure 11-3. 12-Bit Reference Counter (PLLRC) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |