Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705CT4GRS/D Fiches technique(PDF) 122 Page - NXP Semiconductors

No de pièce HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Fiches technique(HTML) 122 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 118Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 119Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 120Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 121Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 122Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 123Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 124Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 125Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 152 page
background image
Instruction Set
General Release Specification
MC68HC705CT4 — Rev. 2.0
122
Instruction Set
MOTOROLA
16.4.1 Register/Memory Instructions
These instructions operate on CPU registers and memory locations.
Most of them use two operands. One operand is in either the
accumulator or the index register. The CPU finds the other operand in
memory.
Table 16-1. Register/Memory Instructions
Instruction
Mnemonic
Add Memory Byte and Carry Bit to Accumulator
ADC
Add Memory Byte to Accumulator
ADD
AND Memory Byte with Accumulator
AND
Bit Test Accumulator
BIT
Compare Accumulator
CMP
Compare Index Register with Memory Byte
CPX
EXCLUSIVE OR Accumulator with Memory Byte
EOR
Load Accumulator with Memory Byte
LDA
Load Index Register with Memory Byte
LDX
Multiply
MUL
OR Accumulator with Memory Byte
ORA
Subtract Memory Byte and Carry Bit from Accumulator
SBC
Store Accumulator in Memory
STA
Store Index Register in Memory
STX
Subtract Memory Byte from Accumulator
SUB
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More