Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705CT4GRS/D Fiches technique(PDF) 53 Page - NXP Semiconductors

No de pièce HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Fiches technique(HTML) 53 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 50Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 53Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 152 page
background image
Operating Modes
Low-Power Modes
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Operating Modes
53
During wait mode, the I bit in the CCR is cleared to enable interrupts. All
other registers, memory, and input/output lines remain in their previous
state. The timer may be enabled to allow a periodic exit from wait mode.
6.5.4 Low-Power Wait
When the wait mode is entered by executing the WAIT instruction, the
oscillator divider changes from a divide-by-5 to a divide-by-40 (additional
divide-by-8) to lower the wait current. As a result, this gives a CPU clock
rate of 256 kHz if the oscillator is running with a 10.24-MHz crystal. The
oscillator divide-by-5 or divide-by-40 option is also controlled by the
speed bit located in the miscellaneous control register ($21).
Section 14. Miscellaneous Register. When returning from wait mode
via an interrupt, the OSC rate prior to entering wait mode is restored.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More