| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705CT4GRS/D Fiches technique(PDF) 106 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Fiches technique(HTML) 106 Page - NXP Semiconductors |
|
106 / 152 page ![]() Miscellaneous Register General Release Specification MC68HC705CT4 — Rev. 2.0 106 Miscellaneous Register MOTOROLA COE — 16-Bit Timer Output Compare Enable This control bit, when set, enables the 16-bit output compare function to come out on PD6/TCMP. When clear, PD6 returns to a general- purpose I/O pin. PWME — PWM Enable This control bit, when set, enables the PWM function to come out on PC7/PWM. When clear, PC7 returns to a general-purpose I/O pin. 14.4 Miscellaneous Register Power Supply Source The miscellaneous control register is supplied by VDD and VSS. VDD2 and VSS2 are reserved for noise-susceptible circuitry. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |