Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705CT4GRS/D Fiches technique(PDF) 103 Page - NXP Semiconductors

No de pièce HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Fiches technique(HTML) 103 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 152 page
background image
Comparators
Reading Comparator Outputs
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Comparators
103
13.4 Reading Comparator Outputs
The state of each comparator output bit is internally readable from the
CMPCSR.
13.5 Comparator During Wait Mode
The comparator operates normally in wait mode. If the user wishes to
save power during the wait mode, the CEN1, CEN2, and CEN3 bits
should be cleared before the WAIT instruction.
13.6 Comparator During Stop Mode
Stop mode does not affect the comparator circuit. If the user needs to
save power, the CEN1, CEN2, and CEN3 bits should be cleared before
the STOP instruction.
13.7 Comparator Power Supply Source
The comparators are supplied by VDD2 and VSS2. These power lines are
reserved for noise-susceptible circuitry, such as the circuitry found in the
comparators.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More