Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF36N60M6 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STF36N60M6
Description  N-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF36N60M6 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STF36N60M6 Datasheet HTML 5Page - STMicroelectronics STF36N60M6 Datasheet HTML 6Page - STMicroelectronics STF36N60M6 Datasheet HTML 7Page - STMicroelectronics STF36N60M6 Datasheet HTML 8Page - STMicroelectronics STF36N60M6 Datasheet HTML 9Page - STMicroelectronics STF36N60M6 Datasheet HTML 10Page - STMicroelectronics STF36N60M6 Datasheet HTML 11Page - STMicroelectronics STF36N60M6 Datasheet HTML 12Page - STMicroelectronics STF36N60M6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics (curves) ................................................. 5
3
Test circuits .......................................................................7
4
Package information...............................................................8
4.1
TO-220 type A package information ............................................... 8
Revision history .......................................................................11
STF36N60M6
Contents
DS12609 - Rev 1
page 12/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com