Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF36N60M6 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STF36N60M6
Description  N-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF36N60M6 Fiches technique(HTML) 1 Page - STMicroelectronics

  STF36N60M6 Datasheet HTML 1Page - STMicroelectronics STF36N60M6 Datasheet HTML 2Page - STMicroelectronics STF36N60M6 Datasheet HTML 3Page - STMicroelectronics STF36N60M6 Datasheet HTML 4Page - STMicroelectronics STF36N60M6 Datasheet HTML 5Page - STMicroelectronics STF36N60M6 Datasheet HTML 6Page - STMicroelectronics STF36N60M6 Datasheet HTML 7Page - STMicroelectronics STF36N60M6 Datasheet HTML 8Page - STMicroelectronics STF36N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TO-220FP
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Features
Order code
VDS
RDS(on) max.
ID
STF36N60M6
600 V
99 mΩ
30 A
Reduced switching losses
Lower RDS(on) per area vs previous generation
Low gate input resistance
100% avalanche tested
Zener-protected
Applications
Switching applications
LLC converters
Boost PFC converters
Description
The new MDmesh™ M6 technology incorporates the most recent advancements to
the well-known and consolidated MDmesh family of SJ MOSFETs.
STMicroelectronics builds on the previous generation of MDmesh devices through its
new M6 technology, which combines excellent RDS(on) per area improvement with
one of the most effective switching behaviors available, as well as a user-friendly
experience for maximum end-application efficiency.
Product status link
STF36N60M6
Device summary
Order code
STF36N60M6
Marking
36N60M6
Package
TO-220FP
Packing
Tube
N-channel 600 V, 85 mΩ typ., 30 A MDmesh™ M6
Power MOSFET in a TO-220FP package
STF36N60M6
Datasheet
DS12609 - Rev 1 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Numéro de pièce similaire - STF36N60M6

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
STF30100 SMC-STF30100 Datasheet
113Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STF30100 SMCDIODE-STF30100 Datasheet
361Kb / 7P
SCHOTTKY RECTIFIER
Rev. C
logo
Sangdest Microelectroni...
STF30100C SMC-STF30100C Datasheet
159Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STF30100C SMCDIODE-STF30100C Datasheet
581Kb / 7P
SCHOTTKY RECTIFIER
Rev. C
logo
Sangdest Microelectroni...
STF30100S SMC-STF30100S Datasheet
141Kb / 4P
Reverse battery protection
More results

Description similaire - STF36N60M6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STO36N60M6 STMICROELECTRONICS-STO36N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 85 mΩ typ., 30 A, MDmesh M6 Power MOSFET in a TO?멛L package
May 2021
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP33N60M6 STMICROELECTRONICS-STP33N60M6 Datasheet
256Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
July 2018 Rev 2
STF22N60M6 STMICROELECTRONICS-STF22N60M6 Datasheet
453Kb / 13P
N-channel 600 V, 196 m typ., 15 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
November 2018 Rev 1
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STF46N60M6 STMICROELECTRONICS-STF46N60M6 Datasheet
456Kb / 12P
N-channel 600 V, 68 mΩ typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220FP package
20-Nov-2019
STFH10N60M6 STMICROELECTRONICS-STFH10N60M6 Datasheet
552Kb / 12P
N-channel 600 V, 520 m typ., 6.4 A MDmesh M6 Power MOSFET in a TO-220FP wide creepage package
30-May-2019
STB36N60M6 STMICROELECTRONICS-STB36N60M6 Datasheet
1,000Kb / 20P
N-channel 600 V, 85 mΩ typ., 30 A MDmesh™ M6 Power MOSFET in a D²PAK package
21-Mar-2017
STF18N60M6 STMICROELECTRONICS-STF18N60M6 Datasheet
451Kb / 13P
N-channel 600 V, 230 mΩ typ., 13 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
15-Nov-2018
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com