Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF36N60M6 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STF36N60M6
Description  N-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF36N60M6 Fiches technique(HTML) 5 Page - STMicroelectronics

  STF36N60M6 Datasheet HTML 1Page - STMicroelectronics STF36N60M6 Datasheet HTML 2Page - STMicroelectronics STF36N60M6 Datasheet HTML 3Page - STMicroelectronics STF36N60M6 Datasheet HTML 4Page - STMicroelectronics STF36N60M6 Datasheet HTML 5Page - STMicroelectronics STF36N60M6 Datasheet HTML 6Page - STMicroelectronics STF36N60M6 Datasheet HTML 7Page - STMicroelectronics STF36N60M6 Datasheet HTML 8Page - STMicroelectronics STF36N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG050620181503SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
Operation in this area is
limited by R DS(on)
single pulse
TJ≤150 °C
TC=25 °C
VGS=10 V
Figure 2. Thermal impedance
10-1
10-2
10-3
K
t
p(s)
10-4
10-3
10-2
10-1
10-0
Zth= K*RthJ-c
δ =t p/Ƭ
tp
Ƭ
δ=0.5
0.01
Single pulse
0.2
0.1
0.02
0.05
GC20521
Figure 3. Output characteristics
GADG220320170910OCH
100
80
60
40
20
0
0
2
4
6
8
10 12 14 16
ID
(A)
VDS (V)
VGS = 9, 10V
VGS = 8V
VGS = 7V
VGS = 5V
VGS = 6V
Figure 4. Transfer characteristics
GADG220320170910TCH
100
80
60
40
20
0
3
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 18V
Figure 5. Gate charge vs gate-source voltage
GADG030220171159QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
10
20
30
40
50
VGS
(V)
VDS
(V)
Q g (nC)
VDS
VDD = 480 V
ID = 30 A
Figure 6. Static drain-source on-resistance
GADG010220171211RID
91
89
87
85
83
81
79
0
5
10
15
20
25
30
RDS(on)
mΩ
ID (A)
VGS =10 V
STF36N60M6
Electrical characteristics (curves)
DS12609 - Rev 1
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com