| Moteur de recherche de fiches techniques de composants électroniques |
|
CS47L35 Fiches technique(PDF) 174 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Fiches technique(HTML) 174 Page - Cirrus Logic |
|
174 / 300 page ![]() 174 DS1085F3 CS47L35 4.15 Interrupts The IRQ1 interrupt, mask, and status control registers are described in Table 4-89. Table 4-89. Interrupt 1 Control Registers Register Address Bit Label Default Description R6144 (0x1800) IRQ1_Status_1 15 DSP_SHARED_WR_COLL_EINT1 0 DSP Shared Memory Collision Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 12 CTRLIF_ERR_EINT1 0 Control Interface Error Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 9 SYSCLK_FAIL_EINT1 0 SYSCLK Fail Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 7 BOOT_DONE_EINT1 0 Boot Done Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6145 (0x1801) IRQ1_Status_2 8 FLL1_LOCK_EINT1 0 FLL1 Lock Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. R6149 (0x1805) IRQ1_Status_6 8 MICDET_EINT1 0 Microphone/Accessory Detect Interrupt (Detection event triggered) Note: Cleared when a 1 is written. 0 HPDET_EINT1 0 Headphone Detect Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6150 (0x1806) IRQ1_Status_7 5 MICD_CLAMP_FALL_EINT1 0 MICDET Clamp Interrupt (Falling edge triggered) Note: Cleared when a 1 is written. 4 MICD_CLAMP_RISE_EINT1 0 MICDET Clamp Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 3 JD2_FALL_EINT1 0 JD2 Interrupt (Falling edge triggered) Note: Cleared when a 1 is written. 2 JD2_RISE_EINT1 0 JD2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 JD1_FALL_EINT1 0 JD1 Interrupt (Falling edge triggered) Note: Cleared when a 1 is written. 0 JD1_RISE_EINT1 0 JD1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6152 (0x1808) IRQ1_Status_9 1 DRC2_SIG_DET_EINT1 0 DRC2 Signal-Detect Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 0 DRC1_SIG_DET_EINT1 0 DRC1 Signal-Detect Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. |