Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA350B Fiches technique(PDF) 93 Page - STMicroelectronics

No de pièce STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Fiches technique(HTML) 93 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 86Page - STMicroelectronics STA350B Datasheet HTML 87Page - STMicroelectronics STA350B Datasheet HTML 88Page - STMicroelectronics STA350B Datasheet HTML 89Page - STMicroelectronics STA350B Datasheet HTML 90Page - STMicroelectronics STA350B Datasheet HTML 91Page - STMicroelectronics STA350B Datasheet HTML 92Page - STMicroelectronics STA350B Datasheet HTML 93Page - STMicroelectronics STA350B Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 93 / 94 page
background image
DocID018572 Rev 7
93/94
STA350B, STA350BW
Revision history
94
12
Revision history
Table 80. Document revision history
Date
Revision
Changes
11-Mar-2011
1
Initial release.
20-Apr-2011
2
Updated Figure 4: Demonstration board, 2.0 channels
Added Figure 5: Mono parallel BTL schematic
13-Apr-2012
3
Updated min. and typ. values for Isc in Table 6: Electrical
specifications - power section
20-Sep-2013
4
Added Section 5 on page 25
Modified Note:: The read write operation on RAM coefficients works
only if RLCKI (pin29) is switching and stable (ref. Table 7, tLRJT
timing) and PLL must be locked (ref bit D7 reg 0x2D).
Updated Company information appearing on last page of document
18-Jul-2017
5
Added STA350B device, related package information and
Section 11: Ordering information. Minor changes throughout the
document.
11-Apr-2018
6
Added Section 3.6: Power-on/off sequence.
Minor text changes throughout the document.
07-Jun-2019
7
Updated cover image and Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94