Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA350B Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 59Page - STMicroelectronics STA350B Datasheet HTML 60Page - STMicroelectronics STA350B Datasheet HTML 61Page - STMicroelectronics STA350B Datasheet HTML 62Page - STMicroelectronics STA350B Datasheet HTML 63Page - STMicroelectronics STA350B Datasheet HTML 64Page - STMicroelectronics STA350B Datasheet HTML 65Page - STMicroelectronics STA350B Datasheet HTML 66Page - STMicroelectronics STA350B Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
DocID018572 Rev 7
63/94
STA350B, STA350BW
Register description
94
Figure 31. Basic limiter and volume flow diagram
ATTENUATION
SATURATION
RMS
LIMITER
GAIN
GAIN / VOLUME
INPUT
OUTPUT
+
ATTENUATION
SATURATION
RMS
LIMITER
GAIN
GAIN / VOLUME
INPUT
OUTPUT
+
AM045193v1
Table 65. Limiter attack rate as a function of
LxA bits
Table 66. Limiter release rate as a function
of LxR bits
LxA[3:0]
Attack rate dB/ms
LxR[3:0]
Release rate dB/ms
0000
3.1584
Fast
Slow
0000
0.5116
Fast
Slow
0001
2.7072
0001
0.1370
0010
2.2560
0010
0.0744
0011
1.8048
0011
0.0499
0100
1.3536
0100
0.0360
0101
0.9024
0101
0.0299
0110
0.4512
0110
0.0264
0111
0.2256
0111
0.0208
1000
0.1504
1000
0.0198
1001
0.1123
1001
0.0172
1010
0.0902
1010
0.0147
1011
0.0752
1011
0.0137
1100
0.0645
1100
0.0134
1101
0.0564
1101
0.0117
1110
0.0501
1110
0.0110
1111
0.0451
1111
0.0104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94