Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA350B Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 83Page - STMicroelectronics STA350B Datasheet HTML 84Page - STMicroelectronics STA350B Datasheet HTML 85Page - STMicroelectronics STA350B Datasheet HTML 86Page - STMicroelectronics STA350B Datasheet HTML 87Page - STMicroelectronics STA350B Datasheet HTML 88Page - STMicroelectronics STA350B Datasheet HTML 89Page - STMicroelectronics STA350B Datasheet HTML 90Page - STMicroelectronics STA350B Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
DocID018572 Rev 7
87/94
STA350B, STA350BW
Package information
94
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94