Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA350B Fiches technique(PDF) 92 Page - STMicroelectronics

No de pièce STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Fiches technique(HTML) 92 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 86Page - STMicroelectronics STA350B Datasheet HTML 87Page - STMicroelectronics STA350B Datasheet HTML 88Page - STMicroelectronics STA350B Datasheet HTML 89Page - STMicroelectronics STA350B Datasheet HTML 90Page - STMicroelectronics STA350B Datasheet HTML 91Page - STMicroelectronics STA350B Datasheet HTML 92Page - STMicroelectronics STA350B Datasheet HTML 93Page - STMicroelectronics STA350B Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
Ordering information
STA350B, STA350BW
92/94
DocID018572 Rev 7
11
Ordering information
Table 79. Order code
Order code
Temperature range °C
Package
Packing
STA350BTR
-20 to 85
PowerSSO36 (slug-up)
Tape and reel
STA350BWTR
-20 to 85
PowerSSO-36 (slug-down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94