Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA350B Fiches technique(PDF) 90 Page - STMicroelectronics

No de pièce STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Fiches technique(HTML) 90 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 86Page - STMicroelectronics STA350B Datasheet HTML 87Page - STMicroelectronics STA350B Datasheet HTML 88Page - STMicroelectronics STA350B Datasheet HTML 89Page - STMicroelectronics STA350B Datasheet HTML 90Page - STMicroelectronics STA350B Datasheet HTML 91Page - STMicroelectronics STA350B Datasheet HTML 92Page - STMicroelectronics STA350B Datasheet HTML 93Page - STMicroelectronics STA350B Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
Package information
STA350B, STA350BW
90/94
DocID018572 Rev 7
Figure 39. PowerSSO36 (slug-up) package outline
7618147_F
Table 78. PowerSSO36 exposed pad up mechanical data
Symbol
Dimensions in mm
Dimensions in inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.15
-
2.45
0.085
-
0.096
A2
2.15
-
2.35
0.085
-
0.092
a1
0
-
0.1
0.00
-
0.004
b
0.18
-
0.36
0.007
-
0.014
c
0.23
-
0.32
0.009
-
0.013
D
10.10
-
10.50
0.398
-
0.413
E
7.4
-
7.6
0.291
-
0.299
e-
0.5
-
-
0.020
-
e3
-
8.5
-
-
0.335
-
F-
2.3
-
-
0.091
-
G
-
-
0.1
-
-
0.004
H
10.1
-
10.5
-
-
0.413
h
-
-
0.4
-
-
0.016
k
0 deg
-
8 deg
0 deg
-
8 deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94