| Moteur de recherche de fiches techniques de composants électroniques |
|
STA350B Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA350B Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 94 page ![]() DocID018572 Rev 7 53/94 STA350B, STA350BW Register description 94 2.1 channels, two full-bridge + one external full-bridge (OCFG = 10) • FFX1A -> OUT1A • FFX1B -> OUT1B • FFX2A -> OUT2A • FFX2B -> OUT2B • FFX3A -> OUT3A • FFX3B -> OUT3B • EAPD -> OUT4A • TWARN -> OUT4B • FFX1A/1B configured as ternary • FFX2A/2B configured as ternary • FFX3A/3B configured as ternary • FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the external bridge control signals are muxed. In this configuration the PWM slot phase is shown in Figure 30. Figure 30. 2.1 channels (OCFG = 10) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B AM045192v1 |