Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA350B Fiches technique(PDF) 83 Page - STMicroelectronics

No de pièce STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Fiches technique(HTML) 83 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 79Page - STMicroelectronics STA350B Datasheet HTML 80Page - STMicroelectronics STA350B Datasheet HTML 81Page - STMicroelectronics STA350B Datasheet HTML 82Page - STMicroelectronics STA350B Datasheet HTML 83Page - STMicroelectronics STA350B Datasheet HTML 84Page - STMicroelectronics STA350B Datasheet HTML 85Page - STMicroelectronics STA350B Datasheet HTML 86Page - STMicroelectronics STA350B Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
DocID018572 Rev 7
83/94
STA350B, STA350BW
Register description
94
Figure 35. Biquad filter structure with quantization error noise-shaping
8.23
Extended coefficient range up to -4...4 (address 0x49, 0x4A)
Biquads from 1 to 7 have in the STA350Bx the possibility to extend the coefficient range
from [-1,1) to [-4..4). This allows the realization of high shelf filters that may require a
coefficients dynamic greater in absolute value than 1.
Three ranges are available, [-1;1) [-2;2) [-4;4). By default the extended range is not
activated to maintain backward compatibility with all the previous Sound Terminal products.
Each biquad has its independent setting according to the following table:
Table 76. Biquad filter settings
z
-1
z
-1
z
-1
z
-1
Q
In(t)
b0
b1
b2
a1
a2
z
-1
+
-
Out(t)
z
-1
z
-1
z
-1
z
-1
Q
In(t)
b0
b1
b2
a1
a2
z
-1
+
-
Out(t)
AM045197v1
D7
D6
D5
D4
D3
D2
D1
D0
CXTB4[1]
CXTB4[0]
CXTB3[1]
CXTB3[0]
CX_B2[1]
CXTB2[0]
CXTB1[1]
CXTB1[0]
0
0
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
CXTB7[1]
CXTB7[0]
CXTB6[1]
CXTB6[0]
CXTB5[1]
CXTB5[0]
0
0
00
00
0
0
CEXT_Bx[1]
CEXT_Bx[0]
00
[-1;1)
01
[-2;2)
10
[-4;4)
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94