Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8530DUG/DA Fiches technique(PDF) 100 Page - NXP Semiconductors

No de pièce PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Fiches technique(HTML) 100 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 95Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 96Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 97Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 98Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 99Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 100Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 101Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 102Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 103Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 100 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
100 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
26. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .3
Table 2.
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . .3
Table 3.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .3
Table 4.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . .6
Table 5.
Commands of PCA8530 . . . . . . . . . . . . . . . . . .8
Table 6.
Initialize command bit description . . . . . . . . . .10
Table 7.
OTP-refresh - OTP-refresh command bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
Table 8.
Device-address - device address command
bit description . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 9.
SYNC1_pin - SYNC1 pin configuration
command bit description. . . . . . . . . . . . . . . . . . 11
Table 10. Clock-out-ctrl - CLK pin input/output switch
command bit description . . . . . . . . . . . . . . . . .12
Table 11. Read-select - status read select command
bit description . . . . . . . . . . . . . . . . . . . . . . . . .12
Table 12. Status-readout - status and temperature read
command bit description . . . . . . . . . . . . . . . . .13
Table 13. Clear-reset-flag - Clear-reset-flag command
bit description . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 14. Charge-pump-ctrl - charge pump control
command bit description . . . . . . . . . . . . . . . . .15
Table 15. Set-VLCD - Set-VLCD command bit description .15
Table 16. Set-bias-mode - set bias mode command
bit description . . . . . . . . . . . . . . . . . . . . . . . . .16
Table 17. Temperature-ctrl - temperature measurement
control command bit description . . . . . . . . . . .17
Table 18. TC-set - VLCD temperature compensation
set command bit description . . . . . . . . . . . . . .18
Table 19. TC-slope - VLCD temperature compensation
slope command bit description . . . . . . . . . . . .19
Table 20. Set-MUX-mode - set multiplex drive mode
command bit description . . . . . . . . . . . . . . . . .20
Table 21. Inversion-mode - inversion mode command
bit description . . . . . . . . . . . . . . . . . . . . . . . . .20
Table 22. Display-ctrl - display on and off switch c
ommand bit description . . . . . . . . . . . . . . . . . .21
Table 23. Frame-frequency - frame frequency select
command bit description . . . . . . . . . . . . . . . . .22
Table 24. Clock and frame frequency values . . . . . . . . .23
Table 25. Write-display-data - write display data
command bit description . . . . . . . . . . . . . . . . .24
Table 26. Input-bank-select - input bank select
command bit description . . . . . . . . . . . . . . . . .24
Table 27. Output-bank-select - output bank select
command bit description . . . . . . . . . . . . . . . . .25
Table 28. Data-pointer - set data pointer command
bit description . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 29. Selection of possible display configurations . . .32
Table 30. Parameters of VLCD generation . . . . . . . . . . . .35
Table 31. Output resistance of the charge pump . . . . . . .37
Table 32. Temperature regions . . . . . . . . . . . . . . . . . . . .42
Table 33. Temperature coefficients. . . . . . . . . . . . . . . . . .43
Table 34. Calculation of the temperature compensated
value VT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Table 35. LCD drive modes: summary of characteristics 44
Table 36. Mapping of output pins and corresponding
output signals with respect to the multiplex
driving mode . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 37. Layout topology of output pins and
corresponding output signals with respect to
the multiplex driving mode . . . . . . . . . . . . . . . 50
Table 38. Bit scheme used to illustrate the RAM filling
patterns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Table 39. RAM filling in static drive mode . . . . . . . . . . . . 52
Table 40. RAM filling in 1:2 multiplex drive mode . . . . . . 52
Table 41. RAM filling in 1:4 multiplex drive mode . . . . . . 53
Table 42. Control byte description . . . . . . . . . . . . . . . . . 56
Table 43. I2C slave address byte . . . . . . . . . . . . . . . . . . . 59
Table 44. R/W-bit description. . . . . . . . . . . . . . . . . . . . . . 59
Table 45. Serial interface . . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 46. Subaddress byte definition. . . . . . . . . . . . . . . . 61
Table 47. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 48. Static characteristics . . . . . . . . . . . . . . . . . . . . 66
Table 49. General dynamic characteristics . . . . . . . . . . . 73
Table 50. I2C-bus timing characteristic . . . . . . . . . . . . . . 74
Table 51. SPI-bus timing characteristics . . . . . . . . . . . . . 75
Table 52. Addressing cascaded PCA8530 . . . . . . . . . . . 80
Table 53. Bump locations of PCA8530DUG . . . . . . . . . . 86
Table 54. Dimensions of PCA8530DUG
. . . . . . . . . . . . 89
Table 55. Alignment marking . . . . . . . . . . . . . . . . . . . . . . 90
Table 56. Gold bump hardness . . . . . . . . . . . . . . . . . . . . 90
Table 57. Description of tray details. . . . . . . . . . . . . . . . . 92
Table 58. Selection of LCD segment drivers . . . . . . . . . 93
Table 59. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 95
Table 60. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More