Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8530DUG/DA Fiches technique(PDF) 47 Page - NXP Semiconductors

No de pièce PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Fiches technique(HTML) 47 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 43Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 44Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 45Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 46Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 47Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 48Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 49Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 50Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
47 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.10.6.2
1:2 Multiplex drive mode
When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The
PCA8530 allows the use of 1⁄2 bias or 1⁄3 bias in this mode as shown in Figure 26 and
Figure 27.
Vstate1(t) = VSn(t)  VBP0(t).
Vstate2(t) = VSn(t)  VBP1(t).
Von(RMS)(t) = 0.791VLCD.
Voff(RMS)(t) = 0.354VLCD.
Fig 26. Waveforms for the 1:2 multiplex drive mode, 1⁄2 bias, line inversion mode (n = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More