| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA8530DUG/DA Fiches technique(PDF) 87 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DA Fiches technique(HTML) 87 Page - NXP Semiconductors |
|
87 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 87 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver VSS2 35 1317.5 495 45 S68 160 1255.7 495 45 36 1272.5 495 45 S67 161 1210.7 495 45 37 1227.5 495 45 S66 162 1165.7 495 45 38 1182.5 495 45 S65 163 1120.7 495 45 39 1137.5 495 45 S64 164 1075.7 495 45 40 1092.5 495 45 S63 165 1030.7 495 45 41 1047.5 495 45 S62 166 985.7 495 45 42 1002.5 495 45 S61 167 940.7 495 45 43 957.5 495 45 S60 168 895.7 495 45 44 912.5 495 45 S59 169 850.7 495 45 VSS3 45 867.5 495 45 S58 170 805.7 495 45 46 822.5 495 45 S57 171 760.7 495 45 47 777.5 495 45 S56 172 715.7 495 45 48 732.5 495 45 S55 173 670.7 495 45 VSS1 49 687.5 495 45 S54 174 625.7 495 45 50 642.5 495 45 S53 175 580.7 495 45 51 597.5 495 45 S52 176 535.7 495 45 52 552.5 495 45 S51 177 490.7 495 45 53 507.5 495 45 COM0 178 382.1 495 108.6 54 462.5 495 45 179 337.1 495 45 55 417.5 495 45 180 292.1 495 45 56 372.5 495 45 181 247.1 495 45 57 327.5 495 45 COM1 182 202.1 495 45 T1 58 282.5 495 45 183 157.1 495 45 59 237.5 495 45 184 112.1 495 45 T2 60 192.5 495 45 185 67.1 495 45 61 147.5 495 45 COM2 186 22.1 495 45 A0 62 102.5 495 45 187 22.9 495 45 63 57.5 495 45 188 67.9 495 45 A1 64 12.5 495 45 189 112.9 495 45 65 32.5 495 45 COM3 190 157.9 495 45 IFS 66 77.5 495 45 191 202.9 495 45 67 122.5 495 45 192 247.9 495 45 OSC 68 167.5 495 45 193 292.9 495 45 69 212.5 495 45 194 337.9 495 45 SA0 70 257.5 495 45 195 382.9 495 45 71 302.5 495 45 S50 196 491.5 495 108.6 Table 53. Bump locations of PCA8530DUG …continued All x/y coordinates represent the position of the center of each bump with respect to the center (x/y = 0) of the chip; see Figure 59. Symbol Pin Coordinates Pitch Symbol Pin Coordinates Pitch X ( m) Y ( m) X (m) X ( m) Y ( m) X (m) |