Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8530DUG/DA Fiches technique(PDF) 27 Page - NXP Semiconductors

No de pièce PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Fiches technique(HTML) 27 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 23Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 24Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 25Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 26Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 27Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 28Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 29Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 30Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
27 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
When using the internal VLCD generation, the display must not be enabled before the
generation of VLCD with the internal charge pump is completed. Otherwise unwanted
display artifacts may appear on the display.
(1) This time depends on the external capacitor on the VLCD pins. For a capacitor of 100 nF a delay
of about 55 ms to 65 ms is expected.
Fig 3.
Recommended start-up sequence when using the internal charge pump and the
internal clock signal
Fig 4.
Recommended start-up sequence when using an external supplied VLCD and the
internal clock signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More