Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8530DUG/DA Fiches technique(PDF) 41 Page - NXP Semiconductors

No de pièce PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Fiches technique(HTML) 41 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 37Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 38Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 39Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 40Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 41Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 42Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 43Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 44Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
41 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.10.4.2
Temperature adjustment of the VLCD
Due to the temperature dependency of the liquid crystal viscosity, the LCD supply voltage
may have to be adjusted at different temperatures to maintain optimal contrast. The
temperature characteristics of the liquid is provided by the LCD manufacturer. The slope
has to be set to compensate for the liquid behavior. Internal temperature compensation
can be enabled via bit TCE (see Table 17 on page 17).
The ambient temperature range is split up to six programmable regions and to each a
different temperature coefficient can be applied (see Figure 23).
(1) Environment temperature, T1 (
C).
(2) Measured temperature, T2 (
C).
(3) Temperature deviation,
T=T2  T1.
Fig 22. Temperature measurement delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More