Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8530DUG/DA Fiches technique(PDF) 64 Page - NXP Semiconductors

No de pièce PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Fiches technique(HTML) 64 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 60Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 61Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 62Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 63Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 64Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 65Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 66Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 67Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
64 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
11. Safety notes
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
CAUTION
Semiconductors are light sensitive. Exposure to light sources can cause the IC to
malfunction. The IC must be protected against light. The protection must be applied to all
sides of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More