Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8530DUG/DA Fiches technique(PDF) 28 Page - NXP Semiconductors

No de pièce PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Fiches technique(HTML) 28 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 24Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 25Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 26Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 27Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 28Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 29Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 30Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 31Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
28 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
(1) Alternatively, the external clock signal can be applied after the generation of the VLCD voltage.
(2) This time depends on the external capacitor on the VLCD pins. For a capacitor of 100 nF a delay
of about 55 ms to 65 ms is expected.
Fig 5.
Recommended start-up sequence when using the internal charge pump and an
external clock signal
Fig 6.
Recommended start-up sequence when using an external supplied VLCD and an
external clock signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More