| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA8530DUG/DA Fiches technique(PDF) 86 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DA Fiches technique(HTML) 86 Page - NXP Semiconductors |
|
86 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 86 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver Table 53. Bump locations of PCA8530DUG All x/y coordinates represent the position of the center of each bump with respect to the center (x/y = 0) of the chip; see Figure 59. Symbol Pin Coordinates Pitch Symbol Pin Coordinates Pitch X ( m) Y ( m) X (m) X ( m) Y ( m) X (m) COM3 1 2847.5 495 - S101 126 2846.7 495 - 2 2802.5 495 45 127 2801.7 495 45 3 2757.5 495 45 S100 128 2756.7 495 45 4 2712.5 495 45 S99 129 2711.7 495 45 5 2667.5 495 45 S98 130 2666.7 495 45 6 2622.5 495 45 S97 131 2621.7 495 45 7 2577.5 495 45 S96 132 2576.7 495 45 COM2 8 2532.5 495 45 S95 133 2531.7 495 45 9 2487.5 495 45 S94 134 2486.7 495 45 10 2442.5 495 45 S93 135 2441.7 495 45 11 2397.5 495 45 S92 136 2396.7 495 45 VLCDIN 12 2352.5 495 45 S91 137 2351.7 495 45 13 2307.5 495 45 S90 138 2306.7 495 45 14 2262.5 495 45 S89 139 2261.7 495 45 15 2217.5 495 45 S88 140 2216.7 495 45 VLCDSENSE 16 2172.5 495 45 S87 141 2171.7 495 45 17 2127.5 495 45 S86 142 2126.7 495 45 18 2082.5 495 45 S85 143 2081.7 495 45 VLCDOUT 19 2037.5 495 45 S84 144 1975.7 495 106 20 1992.5 495 45 S83 145 1930.7 495 45 21 1947.5 495 45 S82 146 1885.7 495 45 22 1902.5 495 45 S81 147 1840.7 495 45 T4 23 1857.5 495 45 S80 148 1795.7 495 45 24 1812.5 495 45 S79 149 1750.7 495 45 25 1767.5 495 45 S78 150 1705.7 495 45 T3 26 1722.5 495 45 S77 151 1660.7 495 45 27 1677.5 495 45 S76 152 1615.7 495 45 28 1632.5 495 45 S75 153 1570.7 495 45 29 1587.5 495 45 S74 154 1525.7 495 45 30 1542.5 495 45 S73 155 1480.7 495 45 T5 31 1497.5 495 45 S72 156 1435.7 495 45 32 1452.5 495 45 S71 157 1390.7 495 45 T6 33 1407.5 495 45 S70 158 1345.7 495 45 34 1362.5 495 45 S69 159 1300.7 495 45 |