Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 308 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 308 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
308
Freescale Semiconductor
A.12.3
SPI
Table A-15 and Figure A-14 through Figure A-17 describe the timing requirements for the SPI system.
Table A-15. SPI Electrical Characteristic
Num1
1
Refer to Figure A-14 through Figure A-17.
C
Rating2
2
All timing is shown with respect to 20% VDD and 70% VDD, unless noted; 100 pF load on all SPI pins. All timing assumes slew
rate control disabled and high drive strength enabled for SPI output pins.
Symbol
Min
Max
Unit
Temp Rated3
3 Electrical characteristics only apply to the temperature rated devices marked with x.
Standard
AEC Grade
0
1D
Cycle time
Master
Slave
tSCK
tSCK
2
4
2048
—
tcyc
tcyc
xx
2D
Enable lead time
Master
Slave
tLead
tLead
—
1/2
1/2
—
tSCK
tSCK
xx
3D
Enable lag time
Master
Slave
tLag
tLag
—
1/2
1/2
—
tSCK
tSCK
xx
4D
Clock (SPSCK) high time
Master and Slave
tSCKH
1/2 tSCK – 25
—
ns
xx
5D
Clock (SPSCK) low time
Master and Slave
tSCKL
1/2 tSCK – 25
—
ns
xx
6D
Data setup time (inputs)
Master
Slave
tSI(M)
tSI(S)
30
30
—
—
ns
ns
xx
7D
Data hold time (inputs)
Master
Slave
tHI(M)
tHI(S)
30
30
—
—
ns
ns
xx
8
D
Access time, slave4
4
Time to data active from high-impedance state.
tA
040
ns
xx
9
D
Disable time, slave5
5
Hold time to high-impedance state.
tdis
—40
ns
xx
10
D
Data setup time (outputs)
Master
Slave
tSO
tSO
25
25
—
—
ns
ns
xx
11
D
Data hold time (outputs)
Master
Slave
tHO
tHO
–10
–10
—
—
ns
ns
xx
12
D
Operating frequency
Master
Slave
fop
fop
fBus/2048
dc
56
fBus/4
6 Maximum baud rate must be limited to 5 MHz due to input filter characteristics.
MHz
xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com