Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 307 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 307 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
307
A.12.2
TPM/MTIM Module Timing
Synchronizer circuits determine the shortest input pulses that can be recognized or the fastest clock that
can be used as the optional external source to the timer counter. These synchronizers operate from the
current bus rate clock.
Figure A-12. Timer External Clock
Figure A-13. Timer Input Capture Pulse
Table A-14. TPM Input Timing
Num
C
Rating
Symbol
Min
Max
Unit
Temp Rated1
1 Electrical characteristics only apply to the temperature rated devices marked with x.
Standard
AEC
Grade 0
1—
External clock frequency (1/tTCLK)fTCLK
dc
fBus/4
MHz
x
x
2
—
External clock period
tTCLK
4—
tcyc
xx
3
—
External clock high time
tclkh
1.5
—
tcyc
xx
4
—
External clock low time
tclkl
1.5
—
tcyc
xx
5
—
Input capture pulse width
tICPW
1.5
—
tcyc
xx
tTCLK
tclkh
tclkl
TCLK
tICPW
TPMCHn
tICPW
TPMCHn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com