Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 312 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 312 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors HCS08 Datasheet HTML 313Page - NXP Semiconductors HCS08 Datasheet HTML 314Page - NXP Semiconductors HCS08 Datasheet HTML 315Page - NXP Semiconductors HCS08 Datasheet HTML 316Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 312 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
312
Freescale Semiconductor
A.14
EMC Performance
Electromagnetic compatibility (EMC) performance is highly dependant on the environment in which the
MCU resides. Board design and layout, circuit topology choices, location and characteristics of external
components as well as MCU software operation all play a significant role in EMC performance. The
system designer should consult Freescale applications notes such as AN2321, AN1050, AN1263,
AN2764, and AN1259 for advice and guidance specifically targeted at optimizing EMC performance.
A.14.1
Radiated Emissions
Microcontroller radiated RF emissions are measured from 150 kHz to 1 GHz using the TEM/GTEM Cell
method in accordance with the IEC 61967-2 and SAE J1752/3 standards. The measurement is performed
with the microcontroller installed on a custom EMC evaluation board while running specialized EMC test
software. The radiated emissions from the microcontroller are measured in a TEM cell in two package
orientations (North and East).
The maximum radiated RF emissions of the tested configuration in all orientations are less than or equal
to the reported emissions levels.
Table A-17. Radiated Emissions, Electric Field
Parameter
Symbol
Conditions
Frequency
fOSC/fBUS
Level
(Max)
Unit
Temp Rated1
1 Electrical characteristics only apply to the temperature rated devices marked with x.
Standa
rd
AEC
Grade 0
Radiated
emissions,
electric field
VRE_TEM
VDD = 5 V
TA = +25
oC
package type
16-TSSOP
0.15 – 50 MHz
4 MHz
crystal
16 MHzbus
0
dB
V
xx
50 – 150 MHz
0
x
x
150 – 500 MHz
–6
x
x
500 – 1000 MHz
–9
x
x
IEC Level
N
—
x
x
SAE Level
1
—
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com