Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 311 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 311 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors HCS08 Datasheet HTML 313Page - NXP Semiconductors HCS08 Datasheet HTML 314Page - NXP Semiconductors HCS08 Datasheet HTML 315Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
311
A.13
FLASH Specifications
This section provides details about program/erase times and program-erase endurance for the FLASH
memory.
Program and erase operations do not require any special power sources other than the normal VDD supply.
For more detailed information about program/erase operations, see the Memory section.
Table A-16. FLASH Characteristics
Nu
m
C
Characteristic
Symbol
Min
Typical
Max
Unit
Temp Rated1
1 Electrical characteristics only apply to the temperature rated devices marked with x.
Stand
ard
AEC
Grade
0
1—
Supply voltage for
program/erase
Vprog/erase
2.7
5.5
Vx
x
2—
Supply voltage for read
operation
VRead
2.7
5.5
Vx
x
3
—
Internal FCLK frequency2
2
The frequency of this clock is controlled by a software setting.
fFCLK
150
200
kHz
x
x
—
Internal FCLK period (1/fFCLK)tFcyc
56.67
sx
x
5—
Byte program time (random
location)3
3 These values are hardware state machine controlled. User code does not need to count cycles. This information supplied for
calculating approximate time to program and erase.
tprog
9tFcyc
xx
6—
Byte program time (burst
mode)2
tBurst
4tFcyc
xx
7
—
Page erase time2
tPage
4000
tFcyc
xx
8
—
Mass erase time2
tMass
20,000
tFcyc
xx
9C
Program/erase endurance4
TL to TH = –40C to +125C
TL to TH = –40C to +150C
T = 25
C
4 Typical endurance for FLASH is based on the intrinsic bit cell performance. For additional information on how Freescale defines
typical endurance, please refer to Engineering Bulletin EB619/D, Typical Endurance for Nonvolatile Memory.
nFLPE
10,000
10,000
10,000
—
—
100,000
—
—
—
cycles
x
—
x
—
x
x
10
C
Data retention5
5 Typical data retention values are based on intrinsic capability of the technology measured at high temperature and de-rated to
25
C using the Arrhenius equation. For additional information on how Freescale defines typical data retention, please refer to
Engineering Bulletin EB618/D, Typical Data Retention for Nonvolatile Memory.
tD_ret
15
100
—
years
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com