Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 305 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 305 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
305
A.12
AC Characteristics
This section describes ac timing characteristics for each peripheral system.
A.12.1
Control Timing
Table A-13. Control Timing
Num
C
Rating
Symbol
Min
Typ1
1 Typical values are based on characterization data at V
DD = 5.0V, 25C unless otherwise stated.
Max
Unit
Temp
Rated2
2 Electrical characteristics only apply to the temperature rated devices marked with x.
Sta
ndar
d
AE
C
Gra
de 0
1D
Bus frequency (tcyc = 1/fBus)
–40
C to 125 C
fBus
dc
—
20
MHz
x
>125
C18
x
2D
Internal low power oscillator period
–40
C to 125 C
tLPO
700
1500
s
x
>125
C
600
1500
x
3D
External reset pulse width3
3 This is the shortest pulse that is guaranteed to be recognized as a reset pin request. Shorter pulses are not guaranteed to
override reset requests from internal sources.
textrst
100
—
ns
x
x
4D
Reset low drive4
4 When any reset is initiated, internal circuitry drives the reset pin low for about 66 cycles of t
cyc. After POR reset the bus clock
frequency changes to the untrimmed DCO frequency (freset = (fdco_ut)/4) because TRIM is reset to 0x80 and FTRIM is reset to
0, and there is an extra divide-by-two because BDIV is reset to 0:1. After other resets trim stays at the pre-reset value.
trstdrv
66 x tcyc
—ns
x
x
8D
Pin interrupt pulse width
Asynchronous path2
Synchronous path5
tILIH, tIHIL
100
1.5 x tcyc
——
ns
xx
9C
Port rise and fall time —
Low output drive (PTxDS = 0) (load = 50 pF)5
Slew rate control disabled (PTxSE = 0)
Slew rate control enabled (PTxSE = 1)
5 Timing is shown with respect to 20% V
DD and 80% VDD levels. Temperature range –40C to 125C.
tRise, tFall
—
—
40
75
—
—
ns
x
x
Port rise and fall time —
High output drive (PTxDS = 1) (load = 50 pF)6
Slew rate control disabled (PTxSE = 0)
Slew rate control enabled (PTxSE = 1)
tRise, tFall
—
—
11
35
—
—
ns
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com