Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 304 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 304 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
304
Freescale Semiconductor
Conversion
time (including
sample time)
Short sample
(ADLSMP=0)
DtADC
—20
—
ADCK
cycles
xx
See ADC
Chapter
for
conversion
time
variances
Long sample
(ADLSMP=1)
—40
—
xx
Sample time
Short sample
(ADLSMP=0)
DtADS
—3.5
—
ADCK
cycles
xx
Long sample
(ADLSMP=1)
—23.5
—
xx
Total
unadjusted
error (Includes
quantization)
10 bit mode
PETUE
—
1.5
3.5
LSB2
xx
8 bit mode
—
0.7
1.5
LSB3
xx
Differential
Non-Linearity
10 bit mode
PDNL
—
0.5
1.0
LSB3
xx
8 bit mode
—
0.3
0.5
xx
Monotonicity and No-Missing-Codes guaranteed
Integral
non-linearity
10 bit mode
TINL
—
0.5
1.0
LSB3
xx
8 bit mode
—
0.3
0.5
xx
Zero-scale
error
10 bit mode
PEZS
—
1.5
2.5
LSB3
xx
8 bit mode
—
0.5
0.7
x
x
Full-scale error
(VADIN = VDD)
10 bit mode
TEFS
0
1.0
1.5
LSB3
xx
8 bit mode
0
0.5
0.5
xx
Quantization
error
10 bit mode
DEQ
——
0.5
LSB3
xx
8 bit mode
—
—
0.5
xx
Input leakage
error
10 bit mode
DEIL
0
0.2
2.5
LSB3
xx
Pad
leakage3 *
RAS
8 bit mode
0
0.1
1
xx
Temp sensor
slope
–40
C to 25C
Dm
—3.266
—
mV/
C
xx
25
C to 125C
—
3.638
—
x
x
Temp sensor
voltage
25
CD
VTEMP
25
—1.396
—
V
x
x
1 Typical values assume V
DD = 5.0 V, Temp = 25C, fADCK = 1.0 MHz unless otherwise stated. Typical values are for reference
only and are not tested in production.
2 Electrical characteristics only apply to the temperature rated devices marked with x.
3 Based on input pad leakage current. Refer to pad electricals.
Table A-12. ADC Characteristics (continued)
Characteristic
Conditions
C
Symb
Min
Typ1
Max
Unit
Temp Rated2
Comment
Stand
ard
AEC
Grade
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com