Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 301 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 301 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 297Page - NXP Semiconductors HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
301
A.10
Analog Comparator (ACMP) Electricals
Table A-10. Analog Comparator Electrical Specifications
Num
C
Rating
Symbol
Min
Typ
Max
Unit
Temp Rated1
1 Electrical characteristics only apply to the temperature rated devices marked with x.
Standard
AEC Grade
0
1
—
Supply voltage
VDD
2.7
—
5.5
V
x
x
2
D
Supply current (active)
IDDAC
—20
35
Ax
x
3
D
Analog input voltage
VAIN
VSS – 0.3
—
VDD
Vx
x
4
D
Analog input offset voltage
VAIO
20
40
mV
x
x
5D
Analog Comparator hysteresis
VH
3.0
6.0
20.0
mV
x
x
6
D
Analog input leakage current
IALKG
——
1.0
Ax
x
7D
Analog Comparator
initialization delay
tAINIT
——
1.0
sx
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com