Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 302 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 302 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
302
Freescale Semiconductor
A.11
ADC Characteristics
Table A-11. ADC Operating Conditions
Characteristic
Conditions
Symb
Min
Typ1
1 Typical values assume V
DDAD = VDD = 5.0V, Temp = 25C, fADCK=1.0MHz unless otherwise stated. Typical values are for
reference only and are not tested in production.
Max
Unit
Temp Rated2
2 Electrical characteristics only apply to the temperature rated devices marked with x.
Comment
Standard
AEC
Grade 0
Supply voltage
Absolute
VDDAD
2.7
—
5.5
V
x
x
Input Voltage
VADIN
VREFL
—VREFH
Vx
x
Input
Capacitance
CADIN
—4.5
5.5
pF
x
x
Input
Resistance
RADIN
—3
5
k
xx
Analog Source
Resistance
10 bit mode
fADCK > 4MHz
fADCK < 4MHz
RAS
—
—
—
—
5
10
k
xx
External to
MCU
8 bit mode (all valid
fADCK)
——
10
x
x
ADC
Conversion
Clock Freq.
High Speed
(ADLPC=0)
fADCK
0.4
—
8.0
MHz
xx
Low Power
(ADLPC=1)
0.4
—
4.0
xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com