Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 299 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 299 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 295Page - NXP Semiconductors HCS08 Datasheet HTML 296Page - NXP Semiconductors HCS08 Datasheet HTML 297Page - NXP Semiconductors HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
299
A.9
Internal Clock Source (ICS) Characteristics
Table A-9. ICS Frequency Specifications (Temperature Range = –40 to 125
C Ambient)
Nu
m
C
Rating
Symbol
Min
Typ
Max
Unit
Temp Rated1
1 Electrical characteristics only apply to the temperature rated devices marked with x.
Standard
AEC
Grade 0
1P
Internal reference frequency - factory
trimmed
at VDD = 5 V
fint_ft
—
31.25
—
kHz
x
x
2P
Internal reference frequency -
untrimmed2
2 TRIM register at default value (0x80) and FTRIM control bit at default value (0x0).
fint_ut
25
36
41.66
kHz
x
x
3P
Internal reference frequency - user
trimmed
fint_t
31.25
—
39.0625
kHz
x
x
4
D Internal reference startup time
tirefst
—
55
100
sx
x
5—
DCO output frequency range -
untrimmed1
value provided for reference: fdco_ut =
1024
f
int_ut
fdco_ut
25.6
36.86
42.66
MHz
x
x
6D
DCO output frequency range -
trimmed
fdco_t
32
—
40
MHz
x
32
—
36
MHz
x
7D
Resolution of trimmed DCO output
frequency at fixed voltage and
temperature (using FTRIM)
f
dco_res_t
—
0.1
0.2
%fdco
xx
8D
Resolution of trimmed DCO output
frequency at fixed voltage and
temperature (not using FTRIM)
f
dco_res_t
—
0.2
0.4
%fdco
xx
9P
Total deviation from actual trimmed
DCO output frequency over voltage
and temperature
f
dco_t
—
+ 0.5
– 1.0
1.5
%fdco
x
—
+ 0.5
– 1.0
3
%fdco
x
10
D
Total deviation of trimmed DCO output
frequency over fixed voltage and
temperature range of 0
C to 70 C
f
dco_t
—
0.5
1
%fdco
xx
11
D FLL acquisition time 3
3 This specification applies to any time the FLL reference source or reference divider is changed, trim value changed or
changing from FLL disabled (FBELP, FBILP) to FLL enabled (FEI, FEE, FBE, FBI). If a crystal/resonator is being used
as the reference, this specification assumes it is already running.
tacquire
1ms
x
x
12
D
DCO output clock long term jitter (over
2mS interval) 4
4 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
BUS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal.
Noise injected into the FLL circuitry via VDD and VSS and variation in crystal oscillator frequency increase the CJitter
percentage for a given interval.
CJitter
—0.02
0.2
%fdco
xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com