Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 297 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 297 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 293Page - NXP Semiconductors HCS08 Datasheet HTML 294Page - NXP Semiconductors HCS08 Datasheet HTML 295Page - NXP Semiconductors HCS08 Datasheet HTML 296Page - NXP Semiconductors HCS08 Datasheet HTML 297Page - NXP Semiconductors HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
297
A.8
External Oscillator (XOSC) Characteristics
Table A-8. Oscillator Electrical Specifications (Temperature Range = –40 to 125
C Ambient)
Nu
m
C
Rating
Symbol
Min
Typ1
1 Typical data was characterized at 5.0 V, 25
C or is recommended value.
Max
Uni
t
Temp Rated2
Standard
AEC
Grade 0
1C
Oscillator crystal or resonator (EREFS = 1,
ERCLKEN = 1)
Low range (RANGE = 0)
flo
32
—
38.4
kHz
x
x
High range (RANGE = 1) FEE or FBE mode 3
fhi
1—
5
MHz
x
x
High range (RANGE = 1, HGO = 1) FBELP
mode
fhi-hgo
1—
16
MHz
x
x
High range (RANGE = 1, HGO = 0) FBELP
mode
fhi-lp
1—
8
MHz
x
x
2—
Load capacitors
C1, C2
See crystal or resonator manufacturer’s
recommendation.
3—
Feedback resistor
RF
M
xx
Low range (32 kHz to 100 kHz)
—
10
—
High range (1 MHz to 16 MHz)
—
1
—
x
x
4—
Series resistor
RS
k
Low range, low gain (RANGE = 0, HGO =
0)
—0
—
xx
Low range, high gain (RANGE = 0, HGO =
1)
—
100
—
xx
High range, low gain (RANGE = 1, HGO =
0)
—0
—
xx
High range, high gain (RANGE = 1, HGO
= 1)
 8 MHz
—
0
0
x
x
 MHz
—
0
10
x
x
 MHz
—
0
20
x
x
5T
Crystal start-up time 4
ms
Low range, low gain (RANGE = 0, HGO =
0)
t
CSTL-LP
—
200
—
xx
Low range, high gain (RANGE = 0, HGO =
1)
t
CSTL-HGO
—
400
—
xx
High range, low gain (RANGE = 1, HGO =
0)5
t
CSTH-LP
—5
—
xx
High range, high gain (RANGE = 1, HGO
= 1)4
t
CSTH-HGO
—20
—
xx
6T
Square wave input clock frequency (EREFS = 0,
ERCLKEN = 1)
fextal
FEE or FBE mode 2
0.03125
—
5
MHz
x
FBELP mode
0
0
—
—
40
36
MHz
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com