Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 281 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 281 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 277Page - NXP Semiconductors HCS08 Datasheet HTML 278Page - NXP Semiconductors HCS08 Datasheet HTML 279Page - NXP Semiconductors HCS08 Datasheet HTML 280Page - NXP Semiconductors HCS08 Datasheet HTML 281Page - NXP Semiconductors HCS08 Datasheet HTML 282Page - NXP Semiconductors HCS08 Datasheet HTML 283Page - NXP Semiconductors HCS08 Datasheet HTML 284Page - NXP Semiconductors HCS08 Datasheet HTML 285Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 316 page
background image
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
281
17.4.3.8
Debug Trigger Register (DBGT)
This register can be read any time, but may be written only if ARM = 0, except bits 4 and 5 are hard-wired
to 0s.
7
654
321
0
R
TRGSEL
BEGIN
00
TRG3
TRG2
TRG1
TRG0
W
Reset
00
000
000
= Unimplemented or Reserved
Figure 17-8. Debug Trigger Register (DBGT)
Table 17-5. DBGT Register Field Descriptions
Field
Description
7
TRGSEL
Trigger Type — Controls whether the match outputs from comparators A and B are qualified with the opcode
tracking logic in the debug module. If TRGSEL is set, a match signal from comparator A or B must propagate
through the opcode tracking logic and a trigger event is only signalled to the FIFO logic if the opcode at the match
address is actually executed.
0 Trigger on access to compare address (force)
1 Trigger if opcode at compare address is executed (tag)
6
BEGIN
Begin/End Trigger Select — Controls whether the FIFO starts filling at a trigger or fills in a circular manner until
a trigger ends the capture of information. In event-only trigger modes, this bit is ignored and all debug runs are
assumed to be begin traces.
0 Data stored in FIFO until trigger (end trace)
1 Trigger initiates data storage (begin trace)
3:0
TRG[3:0]
Select Trigger Mode — Selects one of nine triggering modes, as described below.
0000 A-only
0001 A OR B
0010 A Then B
0011 Event-only B (store data)
0100 A then event-only B (store data)
0101 A AND B data (full mode)
0110 A AND NOT B data (full mode)
0111 Inside range: A
 address  B
1000 Outside range: address < A or address > B
1001 – 1111 (No trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com