Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 193 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 193 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 189Page - NXP Semiconductors HCS08 Datasheet HTML 190Page - NXP Semiconductors HCS08 Datasheet HTML 191Page - NXP Semiconductors HCS08 Datasheet HTML 192Page - NXP Semiconductors HCS08 Datasheet HTML 193Page - NXP Semiconductors HCS08 Datasheet HTML 194Page - NXP Semiconductors HCS08 Datasheet HTML 195Page - NXP Semiconductors HCS08 Datasheet HTML 196Page - NXP Semiconductors HCS08 Datasheet HTML 197Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
193
12.4.1.6
PLL Bypassed External (PBE)
In PLL bypassed external (PBE) mode, the MCGOUT clock is derived from the external reference clock
and the PLL is operational but its output clock is not used. This mode is useful to allow the PLL to acquire
its target frequency while the MCGOUT clock is driven from the external reference clock.
The PLL bypassed external mode is entered when all the following conditions occur:
•
CLKS bits are written to 10
•
IREFS bit is written to 0
•
PLLS bit is written to 1
•
RDIV bits are written to divide reference clock to be within the range of 1 MHz to 2 MHz
•
LP bit is written to 0
In PLL bypassed external mode, the MCGOUT clock is derived from the external reference clock. The
external reference clock which is enabled can be an external crystal/resonator or it can be another external
clock source. The PLL clock frequency locks to a multiplication factor, as selected by the VDIV bits, times
the reference frequency, as selected by the RDIV bits. If BDM is enabled then the MCGLCLK is derived
from the DCO (open-loop mode) divided by two. If BDM is not enabled then the FLL is disabled in a low
power state.
12.4.1.7
Bypassed Low Power Internal (BLPI)
The bypassed low power internal (BLPI) mode is entered when all the following conditions occur:
•
CLKS bits are written to 01
•
IREFS bit is written to 1
•
PLLS bit is written to 0 or 1
•
LP bit is written to 1
•
BDM mode is not active
In bypassed low power internal mode, the MCGOUT clock is derived from the internal reference clock.
The PLL and the FLL are disabled at all times in BLPI mode and the MCGLCLK will not be available for
BDC communications If the BDM becomes active the mode will switch to one of the bypassed internal
modes as determined by the state of the PLLS bit.
12.4.1.8
Bypassed Low Power External (BLPE)
The bypassed low power external (BLPE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 10
•
IREFS bit is written to 0
•
PLLS bit is written to 0 or 1
•
LP bit is written to 1
•
BDM mode is not active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com