Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 191 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 191 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors HCS08 Datasheet HTML 189Page - NXP Semiconductors HCS08 Datasheet HTML 190Page - NXP Semiconductors HCS08 Datasheet HTML 191Page - NXP Semiconductors HCS08 Datasheet HTML 192Page - NXP Semiconductors HCS08 Datasheet HTML 193Page - NXP Semiconductors HCS08 Datasheet HTML 194Page - NXP Semiconductors HCS08 Datasheet HTML 195Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
191
In FLL engaged internal mode, the MCGOUT clock is derived from the FLL clock, which is controlled by
the internal reference clock. The FLL clock frequency locks to 1024 times the reference frequency, as
selected by the RDIV bits. The MCGLCLK is derived from the FLL and the PLL is disabled in a low
power state.
12.4.1.2
FLL Engaged External (FEE)
The FLL engaged external (FEE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 0
•
PLLS bit is written to 0
•
RDIV bits are written to divide reference clock to be within the range of 31.25 kHz to 39.0625 kHz
In FLL engaged external mode, the MCGOUT clock is derived from the FLL clock which is controlled by
the external reference clock. The external reference clock which is enabled can be an external
crystal/resonator or it can be another external clock source.The FLL clock frequency locks to 1024 times
the reference frequency, as selected by the RDIV bits. The MCGLCLK is derived from the FLL and the
PLL is disabled in a low power state.
12.4.1.3
FLL Bypassed Internal (FBI)
In FLL bypassed internal (FBI) mode, the MCGOUT clock is derived from the internal reference clock
and the FLL is operational but its output clock is not used. This mode is useful to allow the FLL to acquire
its target frequency while the MCGOUT clock is driven from the internal reference clock.
The FLL bypassed internal mode is entered when all the following conditions occur:
•
CLKS bits are written to 01
•
IREFS bit is written to 1
•
PLLS bit is written to 0
•
RDIV bits are written to 000. Since the internal reference clock frequency should already be in the
range of 31.25 kHz to 39.0625 kHz after it is trimmed, no further frequency divide is necessary.
•
LP bit is written to 0
In FLL bypassed internal mode, the MCGOUT clock is derived from the internal reference clock. The FLL
clock is controlled by the internal reference clock, and the FLL clock frequency locks to 1024 times the
reference frequency, as selected by the RDIV bits. The MCGLCLK is derived from the FLL and the PLL
is disabled in a low power state.
12.4.1.4
FLL Bypassed External (FBE)
In FLL bypassed external (FBE) mode, the MCGOUT clock is derived from the external reference clock
and the FLL is operational but its output clock is not used. This mode is useful to allow the FLL to acquire
its target frequency while the MCGOUT clock is driven from the external reference clock.
The FLL bypassed external mode is entered when all the following conditions occur:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com