Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 192 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 192 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 188Page - NXP Semiconductors HCS08 Datasheet HTML 189Page - NXP Semiconductors HCS08 Datasheet HTML 190Page - NXP Semiconductors HCS08 Datasheet HTML 191Page - NXP Semiconductors HCS08 Datasheet HTML 192Page - NXP Semiconductors HCS08 Datasheet HTML 193Page - NXP Semiconductors HCS08 Datasheet HTML 194Page - NXP Semiconductors HCS08 Datasheet HTML 195Page - NXP Semiconductors HCS08 Datasheet HTML 196Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
192
Freescale Semiconductor
•
CLKS bits are written to 10
•
IREFS bit is written to 0
•
PLLS bit is written to 0
•
RDIV bits are written to divide reference clock to be within the range of 31.25 kHz to 39.0625 kHz
•
LP bit is written to 0
In FLL bypassed external mode, the MCGOUT clock is derived from the external reference clock. The
external reference clock which is enabled can be an external crystal/resonator or it can be another external
clock source.The FLL clock is controlled by the external reference clock, and the FLL clock frequency
locks to 1024 times the reference frequency, as selected by the RDIV bits. The MCGLCLK is derived from
the FLL and the PLL is disabled in a low power state.
NOTE
It is possible to briefly operate in FBE mode with an FLL reference clock
frequency that is greater than the specified maximum frequency. This can be
necessary in applications that operate in PEE mode using an external crystal
with a frequency above 5 MHz. Please see 12.5.2.4, “Example # 4: Moving
from FEI to PEE Mode: External Crystal = 8 MHz, Bus Frequency = 8 MHz
for a detailed example.
12.4.1.5
PLL Engaged External (PEE)
The PLL engaged external (PEE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 0
•
PLLS bit is written to 1
•
RDIV bits are written to divide reference clock to be within the range of 1 MHz to 2 MHz
In PLL engaged external mode, the MCGOUT clock is derived from the PLL clock which is controlled by
the external reference clock. The external reference clock which is enabled can be an external
crystal/resonator or it can be another external clock source The PLL clock frequency locks to a
multiplication factor, as selected by the VDIV bits, times the reference frequency, as selected by the RDIV
bits. If BDM is enabled then the MCGLCLK is derived from the DCO (open-loop mode) divided by two.
If BDM is not enabled then the FLL is disabled in a low power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com