| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4100 Fiches technique(PDF) 79 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 Fiches technique(HTML) 79 Page - Analog Devices |
|
79 / 101 page ![]() Data Sheet ADPD4100/ADPD4101 Rev. 0 | Page 79 of 101 Addr Name Bits Bit Name Description Reset Access1 1 INTX_EN_LEV1_B INT_LEV1_B interrupt enable. Write a 1 to this bit to enable drive of INT_LEV1_B status on Interrupt X. 0x0 R/W 0 INTX_EN_LEV1_A INT_LEV1_A interrupt enable. Write a 1 to this bit to enable drive of INT_LEV1_A status on Interrupt X. 0x0 R/W 0x0018 INT_ENABLE_XT1 [15:12] Reserved Reserved. 0x0 R 11 INTX_EN_TCLN1_L INT_TCLN1_L interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_L status on Interrupt X. 0x0 R/W 10 INTX_EN_TCLN1_K INT_TCLN1_K interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_K status on Interrupt X. 0x0 R/W 9 INTX_EN_TCLN1_J INT_TCLN1_J interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_J status on Interrupt X. 0x0 R/W 8 INTX_EN_TCLN1_I INT_TCLN1_I interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_I status on Interrupt X. 0x0 R/W 7 INTX_EN_TCLN1_H INT_TCLN1_H interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_H status on Interrupt X. 0x0 R/W 6 INTX_EN_TCLN1_G INT_TCLN1_G interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_G status on Interrupt X. 0x0 R/W 5 INTX_EN_TCLN1_F INT_TCLN1_F interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_F status on Interrupt X. 0x0 R/W 4 INTX_EN_TCLN1_E INT_TCLN1_E interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_E status on Interrupt X. 0x0 R/W 3 INTX_EN_TCLN1_D INT_TCLN1_D interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_D status on Interrupt X. 0x0 R/W 2 INTX_EN_TCLN1_C INT_TCLN1_C interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_C status on Interrupt X. 0x0 R/W 1 INTX_EN_TCLN1_B INT_TCLN1_B interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_B status on Interrupt X. 0x0 R/W 0 INTX_EN_TCLN1_A INT_TCLN1_A interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_A status on Interrupt X. 0x0 R/W 0x0019 INT_ENABLE_XT2 [15:12] Reserved Reserved. 0x0 R 11 INTX_EN_TCLN2_L INT_TCLN2_L interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_L status on Interrupt X. 0x0 R/W 10 INTX_EN_TCLN2_K INT_TCLN2_K interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_K status on Interrupt X. 0x0 R/W 9 INTX_EN_TCLN2_J INT_TCLN2_J interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_J status on Interrupt X. 0x0 R/W 8 INTX_EN_TCLN2_I INT_TCLN2_I interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_I status on Interrupt X. 0x0 R/W 7 INTX_EN_TCLN2_H INT_TCLN2_H interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_H status on Interrupt X. 0x0 R/W 6 INTX_EN_TCLN2_G INT_TCLN2_G interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_G status on Interrupt X. 0x0 R/W 5 INTX_EN_TCLN2_F INT_TCLN2_F interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_F status on Interrupt X. 0x0 R/W 4 INTX_EN_TCLN2_E INT_TCLN2_E interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_E status on Interrupt X. 0x0 R/W 3 INTX_EN_TCLN2_D INT_TCLN2_D interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_D status on Interrupt X. 0x0 R/W 2 INTX_EN_TCLN2_C INT_TCLN2_C interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_C status on Interrupt X. 0x0 R/W 1 INTX_EN_TCLN2_B INT_TCLN2_B interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_B status on Interrupt X. 0x0 R/W 0 INTX_EN_TCLN2_A INT_TCLN2_A interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_A status on Interrupt X. 0x0 R/W |