| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4100 Fiches technique(PDF) 62 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 Fiches technique(HTML) 62 Page - Analog Devices |
|
62 / 101 page ![]() ADPD4100/ADPD4101 Data Sheet Rev. 0 | Page 62 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x018F ADC_OFF2_E [15:8] ZERO_ ADJUST_E Reserved CH2_ADC_ADJUST_E[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_E[7:0] 0x0190 DATA_ FORMAT_E [15:8] DARK_SHIFT_E[4:0] DARK_SIZE_E[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_E[4:0] SIGNAL_SIZE_E[2:0] 0x0191 LIT_DATA_ FORMAT_E [15:8] Reserved 0x0000 R/W [7:0] LIT_SHIFT_E[4:0] LIT_SIZE_E[2:0] 0x0192 DECIMATE_E [15:8] Reserved DECIMATE_FACTOR_E[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_E[3:0] DECIMATE_TYPE_E[3:0] 0x0193 DIGINT_LIT_E [15:8] Reserved LIT_ OFFSET_ E[8] 0x0026 R/W [7:0] LIT_OFFSET_E[7:0] 0x0194 DIGINT_ DARK_E [15:8] DARK2_OFFSET_E[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_E[0] DARK1_OFFSET_E[6:0] 0x0195 THRESH_ CFG_E [15:8] Reserved 0x0000 R/W [7:0] THRESH1_ CHAN_E THRESH1_ DIR_E THRESH1_TYPE_E[1:0] THRESH0_ CHAN_E THRESH0_ DIR_E THRESH0_TYPE_E[1:0] 0x0196 THRESH0_E [15:8] Reserved THRESH0_SHIFT_E[4:0] 0x0000 R/W [7:0] THRESH0_VALUE_E[7:0] 0x0197 THRESH1_E [15:8] Reserved THRESH1_SHIFT_E[4:0] 0x0000 R/W [7:0] THRESH1_VALUE_E[7:0] 0x01A0 TS_CTRL_F [15:8] SUBSAMPLE_F CH2_EN_F SAMPLE_TYPE_F[1:0] INPUT_R_SELECT_F[1:0] TIMESLOT_OFFSET_ F[9:8] 0x0000 R/W [7:0] TIMESLOT_OFFSET_F[7:0] 0x01A1 TS_PATH_F [15:8] PRE_WIDTH_F[3:0] Reserved TS_GPIO_F AFE_PATH _CFG_F[8] 0x40DA R/W [7:0] AFE_PATH_CFG_F[7:0] 0x01A2 INPUTS_F [15:8] INP78_F[3:0] INP56_F[3:0] 0x0000 R/W [7:0] INP34_F[3:0] INP12_F[3:0] 0x01A3 CATHODE_F [15:8] Reserved PRECON_F[2:0] VC2_PULSE_F[1:0] VC2_ALT_F[1:0] 0x0000 R/W [7:0] VC2_SEL_F[1:0] VC1_PULSE_F[1:0] VC1_ALT_F[1:0] VC1_SEL_F[1:0] 0x01A4 AFE_TRIM_F [15:8] TIA_CEIL_ DETECT_EN_F CH2_TRIM_INT_F[1:0] CH1_TRIM_INT_F[1:0] VREF_ PULSE_F AFE_TRIM_VREF_ F[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_F[1:0] TIA_GAIN_CH2_F[2:0] TIA_GAIN_CH1_F[2:0] 0x01A5 LED_ POW12_F [15:8] LED_ DRIVESIDE2_F LED_CURRENT2_F[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1_F LED_CURRENT1_F[6:0] 0x01A6 LED_ POW34_F [15:8] LED_ DRIVESIDE4_F LED_CURRENT4_F[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3_F LED_CURRENT3_F[6:0] 0x01A7 COUNTS_F [15:8] NUM_INT_F[7:0] 0x0101 R/W [7:0] NUM_REPEAT_F[7:0] 0x01A8 PERIOD_F [15:8] Reserved MOD_TYPE_F[1:0] Reserved MIN_PERIOD_F[9:8] 0x0000 R/W [7:0] MIN_PERIOD_F[7:0] 0x01A9 LED_PULSE_F [15:8] LED_WIDTH_F[7:0] 0x0210 R/W [7:0] LED_OFFSET_F[7:0] 0x01AA INTEG_ SETUP_F [15:8] SINGLE_ INTEG_F CH2_AMP_DISABLE_F[2:0] AFE_INT_C_ BUF_F CH1_AMP_DISABLE_F[2:0] 0x0003 R/W [7:0] ADC_COUNT_F[1:0] Reserved INTEG_WIDTH_F[4:0] 0x01AB INTEG_OS_F [15:8] Reserved INTEG_OFFSET_F[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_F[7:0] 0x01AC MOD_ PULSE_F [15:8] MOD_WIDTH_F[7:0] 0x0001 R/W [7:0] MOD_OFFSET_F[7:0] |