| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4100 Fiches technique(PDF) 66 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 Fiches technique(HTML) 66 Page - Analog Devices |
|
66 / 101 page ![]() ADPD4100/ADPD4101 Data Sheet Rev. 0 | Page 66 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x0208 PERIOD_I [15:8] Reserved MOD_TYPE_I[1:0] Reserved MIN_PERIOD_I[9:8] 0x0000 R/W [7:0] MIN_PERIOD_I[7:0] 0x0209 LED_PULSE_I [15:8] LED_WIDTH_I[7:0] 0x0210 R/W [7:0] LED_OFFSET_I[7:0] 0x020A INTEG_ SETUP_I [15:8] SINGLE_ INTEG_I CH2_AMP_DISABLE_I[2:0] AFE_INT_ C_BUF_I CH1_AMP_DISABLE_I[2:0] 0x0003 R/W [7:0] ADC_COUNT_I[1:0] Reserved INTEG_WIDTH_I[4:0] 0x020B INTEG_OS_I [15:8] Reserved INTEG_OFFSET_I[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_I[7:0] 0x020C MOD_ PULSE_I [15:8] MOD_WIDTH_I[7:0] 0x0001 R/W [7:0] MOD_OFFSET_I[7:0] 0x020D PATTERN_I [15:8] LED_DISABLE_I[3:0] MOD_DISABLE_I[3:0] 0x0000 R/W [7:0] SUBTRACT_I[3:0] REVERSE_INTEG_I[3:0] 0x020E ADC_OFF1_I [15:8] Reserved CH1_ADC_ADJUST_I[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_I[7:0] 0x020F ADC_OFF2_I [15:8] ZERO_ ADJUST_I Reserved CH2_ADC_ADJUST_I[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_I[7:0] 0x0210 DATA_ FORMAT_I [15:8] DARK_SHIFT_I[4:0] DARK_SIZE_I[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_I[4:0] SIGNAL_SIZE_I[2:0] 0x0211 LIT_DATA_ FORMAT_I [15:8] Reserved 0x0000 R/W [7:0] LIT_SHIFT_I[4:0] LIT_SIZE_I[2:0] 0x0212 DECIMATE_I [15:8] Reserved DECIMATE_FACTOR_I[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_I[3:0] DECIMATE_TYPE_I[3:0] 0x0213 DIGINT_LIT_I [15:8] Reserved LIT_ OFFSET_ I[8] 0x0026 R/W [7:0] LIT_OFFSET_I[7:0] 0x0214 DIGINT_ DARK_I [15:8] DARK2_OFFSET_I[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_I[0] DARK1_OFFSET_I[6:0] 0x0215 THRESH_ CFG_I [15:8] Reserved 0x0000 R/W [7:0] THRESH1_ CHAN_I THRESH1_ DIR_I THRESH1_TYPE_I[1:0] THRESH0_ CHAN_I THRESH0_ DIR_I THRESH0_TYPE_I[1:0] 0x0216 THRESH0_I [15:8] Reserved THRESH0_SHIFT_I[4:0] 0x0000 R/W [7:0] THRESH0_VALUE_I[7:0] 0x0217 THRESH1_I [15:8] Reserved THRESH1_SHIFT_I[4:0] 0x0000 R/W [7:0] THRESH1_VALUE_I[7:0] 0x0220 TS_CTRL_J [15:8] SUBSAMPLE_J CH2_EN_J SAMPLE_TYPE_J[1:0] INPUT_R_SELECT_J[1:0] TIMESLOT_ OFFSET_J[9:8] 0x0000 R/W [7:0] TIMESLOT_OFFSET_J[7:0] 0x0221 TS_PATH_J [15:8] PRE_WIDTH_J[3:0] Reserved TS_GPIO_J AFE_PATH _CFG_J[8] 0x40DA R/W [7:0] AFE_PATH_CFG_J[7:0] 0x0222 INPUTS_J [15:8] INP78_J[3:0] INP56_J[3:0] 0x0000 R/W [7:0] INP34_J[3:0] INP12_J[3:0] 0x0223 CATHODE_J [15:8] Reserved PRECON_J[2:0] VC2_PULSE_J[1:0] VC2_ALT_J[1:0] 0x0000 R/W [7:0] VC2_SEL_J[1:0] VC1_PULSE_J[1:0] VC1_ALT_J[1:0] VC1_SEL_J[1:0] 0x0224 AFE_TRIM_J [15:8] TIA_CEIL_ DETECT_EN_J CH2_TRIM_INT_J[1:0] CH1_TRIM_INT_J[1:0] VREF_ PULSE_J AFE_TRIM_ VREF_J[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_J[1:0] TIA_GAIN_CH2_J[2:0] TIA_GAIN_CH1_J[2:0] 0x0225 LED_ POW12_J [15:8] LED_ DRIVESIDE2_J LED_CURRENT2_J[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1_J LED_CURRENT1_J[6:0] |