| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4100 Fiches technique(PDF) 57 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 Fiches technique(HTML) 57 Page - Analog Devices |
|
57 / 101 page ![]() Data Sheet ADPD4100/ADPD4101 Rev. 0 | Page 57 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x0101 TS_PATH_A [15:8] PRE_WIDTH_A[3:0] Reserved TS_ GPIO_A AFE_ PATH_ CFG_A[8] 0x40DA R/W [7:0] AFE_PATH_CFG_A[7:0] 0x0102 INPUTS_A [15:8] INP78_A[3:0] INP56_A[3:0] 0x0000 R/W [7:0] INP34_A[3:0] INP12_A[3:0] 0x0103 CATHODE_A [15:8] Reserved PRECON_A[2:0] VC2_PULSE_A[1:0] VC2_ALT_A[1:0] 0x0000 R/W [7:0] VC2_SEL_A[1:0] VC1_PULSE_A[1:0] VC1_ALT_A[1:0] VC1_SEL_A[1:0] 0x0104 AFE_TRIM_A [15:8] TIA_CEIL_ DETECT_EN_A CH2_TRIM_INT_A[1:0] CH1_TRIM_INT_A[1:0] VREF_ PULSE_A AFE_TRIM_VREF_ A[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_A[1:0] TIA_GAIN_CH2_A[2:0] TIA_GAIN_CH1_A[2:0] 0x0105 LED_ POW12_A [15:8] LED_ DRIVESIDE2_A LED_CURRENT2_A[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1_A LED_CURRENT1_A[6:0] 0x0106 LED_ POW34_A [15:8] LED_ DRIVESIDE4_A LED_CURRENT4_A[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3_A LED_CURRENT3_A[6:0] 0x0107 COUNTS_A [15:8] NUM_INT_A[7:0] 0x0101 R/W [7:0] NUM_REPEAT_A[7:0] 0x0108 PERIOD_A [15:8] Reserved MOD_TYPE_A[1:0] Reserved MIN_PERIOD_A[9:8] 0x0000 R/W [7:0] MIN_PERIOD_A[7:0] 0x0109 LED_ PULSE_A [15:8] LED_WIDTH_A[7:0] 0x0210 R/W [7:0] LED_OFFSET_A[7:0] 0x010A INTEG_ SETUP_A [15:8] SINGLE_ INTEG_A CH2_AMP_DISABLE_A[2:0] AFE_INT_ C_BUF_A CH1_AMP_DISABLE_A[2:0] 0x0003 R/W [7:0] ADC_COUNT_A[1:0] Reserved INTEG_WIDTH_A[4:0] 0x010B INTEG_OS_A [15:8] Reserved INTEG_OFFSET_A[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_A[7:0] 0x010C MOD_ PULSE_A [15:8] MOD_WIDTH_A[7:0] 0x0001 R/W [7:0] MOD_OFFSET_A[7:0] 0x010D PATTERN_A [15:8] LED_DISABLE_A[3:0] MOD_DISABLE_A[3:0] 0x0000 R/W [7:0] SUBTRACT_A[3:0] REVERSE_INTEG_A[3:0] 0x010E ADC_OFF1_A [15:8] Reserved CH1_ADC_ADJUST_A[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_A[7:0] 0x010F ADC_OFF2_A [15:8] ZERO_ ADJUST_A Reserved CH2_ADC_ADJUST_A[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_A[7:0] 0x0110 DATA_ FORMAT_A [15:8] DARK_SHIFT_A[4:0] DARK_SIZE_A[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_A[4:0] SIGNAL_SIZE_A[2:0] 0x0111 LIT_DATA_ FORMAT_A [15:8] Reserved 0x0000 R/W [7:0] LIT_SHIFT_A[4:0] LIT_SIZE_A[2:0] 0x0112 DECIMATE_A [15:8] Reserved DECIMATE_FACTOR_A[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_A[3:0] DECIMATE_TYPE_A[3:0] 0x0113 DIGINT_ LIT_A [15:8] Reserved LIT_ OFFSET_ A[8] 0x0026 R/W [7:0] LIT_OFFSET_A[7:0] 0x0114 DIGINT_ DARK_A [15:8] DARK2_OFFSET_A[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_A[0] DARK1_OFFSET_A[6:0] 0x0115 THRESH_ CFG_A [15:8] Reserved 0x0000 R/W [7:0] THRESH1_ CHAN_A THRESH1_ DIR_A THRESH1_TYPE_A[1:0] THRESH0_ CHAN_A THRESH0_ DIR_A THRESH0_TYPE_A[1:0] 0x0116 THRESH0_A [15:8] Reserved THRESH0_SHIFT_A[4:0] 0x0000 R/W [7:0] THRESH0_VALUE_A[7:0] |