| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4100 Fiches technique(PDF) 60 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 Fiches technique(HTML) 60 Page - Analog Devices |
|
60 / 101 page ![]() ADPD4100/ADPD4101 Data Sheet Rev. 0 | Page 60 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x0153 DIGINT_LIT_C [15:8] Reserved LIT_ OFFSET_ C[8] 0x0026 R/W [7:0] LIT_OFFSET_C[7:0] 0x0154 DIGINT_ DARK_C [15:8] DARK2_OFFSET_C[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_C[0] DARK1_OFFSET_C[6:0] 0x0155 THRESH_ CFG_C [15:8] Reserved 0x0000 R/W [7:0] THRESH1_ CHAN_C THRESH1_ DIR_C THRESH1_TYPE_C[1:0] THRESH0_ CHAN_C THRESH0_ DIR_C THRESH0_TYPE_ C[1:0] 0x0156 THRESH0_C [15:8] Reserved THRESH0_SHIFT_C[4:0] 0x0000 R/W [7:0] THRESH0_VALUE_C[7:0] 0x0157 THRESH1_C [15:8] Reserved THRESH1_SHIFT_C[4:0] 0x0000 R/W [7:0] THRESH1_VALUE_C[7:0] 0x0160 TS_CTRL_D [15:8] SUBSAMPLE_ D CH2_EN_D SAMPLE_TYPE_D[1:0] INPUT_R_SELECT_D[1:0] TIMESLOT_OFFSET_ D[9:8] 0x0000 R/W [7:0] TIMESLOT_OFFSET_D[7:0] 0x0161 TS_PATH_D [15:8] PRE_WIDTH_D[3:0] Reserved TS_ GPIO_D AFE_ PATH_ CFG_D[8] 0x40DA R/W [7:0] AFE_PATH_CFG_D[7:0] 0x0162 INPUTS_D [15:8] INP78_D[3:0] INP56_D[3:0] 0x0000 R/W [7:0] INP34_D[3:0] INP12_D[3:0] 0x0163 CATHODE_D [15:8] Reserved PRECON_D[2:0] VC2_PULSE_D[1:0] VC2_ALT_D[1:0] 0x0000 R/W [7:0] VC2_SEL_D[1:0] VC1_PULSE_D[1:0] VC1_ALT_D[1:0] VC1_SEL_D[1:0] 0x0164 AFE_TRIM_D [15:8] TIA_CEIL_ DETECT_EN_D CH2_TRIM_INT_D[1:0] CH1_TRIM_INT_D[1:0] VREF_ PULSE_D AFE_TRIM_VREF_ D[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_D[1:0] TIA_GAIN_CH2_D[2:0] TIA_GAIN_CH1_D[2:0] 0x0165 LED_ POW12_D [15:8] LED_ DRIVESIDE2_D LED_CURRENT2_D[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1_D LED_CURRENT1_D[6:0] 0x0166 LED_ POW34_D [15:8] LED_ DRIVESIDE4_D LED_CURRENT4_D[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3_D LED_CURRENT3_D[6:0] 0x0167 COUNTS_D [15:8] NUM_INT_D[7:0] 0x0101 R/W [7:0] NUM_REPEAT_D[7:0] 0x0168 PERIOD_D [15:8] Reserved MOD_TYPE_D[1:0] Reserved MIN_PERIOD_D[9:8] 0x0000 R/W [7:0] MIN_PERIOD_D[7:0] 0x0169 LED_ PULSE_D [15:8] LED_WIDTH_D[7:0] 0x0210 R/W [7:0] LED_OFFSET_D[7:0] 0x016A INTEG_ SETUP_D [15:8] SINGLE_ INTEG_D CH2_AMP_DISABLE_D[2:0] AFE_INT_C_ BUF_D CH1_AMP_DISABLE_D[2:0] 0x0003 R/W [7:0] ADC_COUNT_D[1:0] Reserved INTEG_WIDTH_D[4:0] 0x016B INTEG_OS_D [15:8] Reserved INTEG_OFFSET_D[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_D[7:0] 0x016C MOD_ PULSE_D [15:8] MOD_WIDTH_D[7:0] 0x0001 R/W [7:0] MOD_OFFSET_D[7:0] 0x016D PATTERN_D [15:8] LED_DISABLE_D[3:0] MOD_DISABLE_D[3:0] 0x0000 R/W [7:0] SUBTRACT_D[3:0] REVERSE_INTEG_D[3:0] 0x016E ADC_OFF1_D [15:8] Reserved CH1_ADC_ADJUST_D[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_D[7:0] 0x016F ADC_OFF2_D [15:8] ZERO_ ADJUST_D Reserved CH2_ADC_ADJUST_D[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_D[7:0] 0x0170 DATA_ FORMAT_D [15:8] DARK_SHIFT_D[4:0] DARK_SIZE_D[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_D[4:0] SIGNAL_SIZE_D[2:0] |