| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4100 Fiches technique(PDF) 69 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 Fiches technique(HTML) 69 Page - Analog Devices |
|
69 / 101 page ![]() Data Sheet ADPD4100/ADPD4101 Rev. 0 | Page 69 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x0264 AFE_TRIM_L [15:8] TIA_CEIL_ DETECT_EN_L CH2_TRIM_INT_L[1:0] CH1_TRIM_INT_L[1:0] VREF_ PULSE_L AFE_TRIM_ VREF_L[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_L[1:0] TIA_GAIN_CH2_L[2:0] TIA_GAIN_CH1_L[2:0] 0x0265 LED_ POW12_L [15:8] LED_ DRIVESIDE2_L LED_CURRENT2_L[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1_L LED_CURRENT1_L[6:0] 0x0266 LED_ POW34_L [15:8] LED_ DRIVESIDE4_L LED_CURRENT4_L[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3_L LED_CURRENT3_L[6:0] 0x0267 COUNTS_L [15:8] NUM_INT_L[7:0] 0x0101 R/W [7:0] NUM_REPEAT_L[7:0] 0x0268 PERIOD_L [15:8] Reserved MOD_TYPE_L[1:0] Reserved MIN_PERIOD_L[9:8] 0x0000 R/W [7:0] MIN_PERIOD_L[7:0] 0x0269 LED_PULSE_L [15:8] LED_WIDTH_L[7:0] 0x0210 R/W [7:0] LED_OFFSET_L[7:0] 0x026A INTEG_ SETUP_L [15:8] SINGLE_ INTEG_L CH2_AMP_DISABLE_L[2:0] AFE_INT_C_ BUF_L CH1_AMP_DISABLE_L[2:0] 0x0003 R/W [7:0] ADC_COUNT_L[1:0] Reserved INTEG_WIDTH_L[4:0] 0x026B INTEG_OS_L [15:8] Reserved INTEG_ OFFSET_L[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_L[7:0] 0x026C MOD_ PULSE_L [15:8] MOD_WIDTH_L[7:0] 0x0001 R/W [7:0] MOD_OFFSET_L[7:0] 0x026D PATTERN_L [15:8] LED_DISABLE_L[3:0] MOD_DISABLE_L[3:0] 0x0000 R/W [7:0] SUBTRACT_L[3:0] REVERSE_INTEG_L[3:0] 0x026E ADC_OFF1_L [15:8] Reserved CH1_ADC_ADJUST_L[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_L[7:0] 0x026F ADC_OFF2_L [15:8] ZERO_ ADJUST_L Reserved CH2_ADC_ADJUST_L[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_L[7:0] 0x0270 DATA_ FORMAT_L [15:8] DARK_SHIFT_L[4:0] DARK_SIZE_L[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_L[4:0] SIGNAL_SIZE_L[2:0] 0x0271 LIT_DATA_ FORMAT_L [15:8] Reserved 0x0000 R/W [7:0] LIT_SHIFT_L[4:0] LIT_SIZE_L[2:0] 0x0272 DECIMATE_L [15:8] Reserved DECIMATE_FACTOR_L[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_L[3:0] DECIMATE_TYPE_L[3:0] 0x0273 DIGINT_LIT_L [15:8] Reserved LIT_ OFFSET_ L[8] 0x0026 R/W [7:0] LIT_OFFSET_L[7:0] 0x0274 DIGINT_ DARK_L [15:8] DARK2_OFFSET_L[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_L[0] DARK1_OFFSET_L[6:0] 0x0275 THRESH_ CFG_L [15:8] Reserved 0x0000 R/W [7:0] THRESH1_ CHAN_L THRESH1_ DIR_L THRESH1_TYPE_L[1:0] THRESH0_ CHAN_L THRESH0_ DIR_L THRESH0_TYPE_L[1:0] 0x0276 THRESH0_L [15:8] Reserved THRESH0_SHIFT_L[4:0] 0x0000 R/W [7:0] THRESH0_VALUE_L[7:0] 0x0277 THRESH1_L [15:8] Reserved THRESH1_SHIFT_L[4:0] 0x0000 R/W [7:0] THRESH1_VALUE_L[7:0] |