| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4100 Fiches technique(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 Fiches technique(HTML) 58 Page - Analog Devices |
|
58 / 101 page ![]() ADPD4100/ADPD4101 Data Sheet Rev. 0 | Page 58 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x0117 THRESH1_A [15:8] Reserved THRESH1_SHIFT_A[4:0] 0x0000 R/W [7:0] THRESH1_VALUE_A[7:0] 0x0120 TS_CTRL_B [15:8] SUBSAMPLE_B CH2_EN_B SAMPLE_TYPE_B[1:0] INPUT_R_SELECT_B[1:0] TIMESLOT_ OFFSET_B[9:8] 0x0000 R/W [7:0] TIMESLOT_OFFSET_B[7:0] 0x0121 TS_PATH_B [15:8] PRE_WIDTH_B[3:0] Reserved TS_GPIO_B AFE_ PATH_ CFG_B[8] 0x40DA R/W [7:0] AFE_PATH_CFG_B[7:0] 0x0122 INPUTS_B [15:8] INP78_B[3:0] INP56_B[3:0] 0x0000 R/W [7:0] INP34_B[3:0] INP12_B[3:0] 0x0123 CATHODE_B [15:8] Reserved PRECON_B[2:0] VC2_PULSE_B[1:0] VC2_ALT_B[1:0] 0x0000 R/W [7:0] VC2_SEL_B[1:0] VC1_PULSE_B[1:0] VC1_ALT_B[1:0] VC1_SEL_B[1:0] 0x0124 AFE_TRIM_B [15:8] TIA_CEIL_ DETECT_EN_B CH2_TRIM_INT_B[1:0] CH2_TRIM_INT_B[1:0] VREF_ PULSE_B AFE_TRIM_ VREF_B[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_B[1:0] TIA_GAIN_CH2_B[2:0] TIA_GAIN_CH1_B[2:0] 0x0125 LED_ POW12_B [15:8] LED_ DRIVESIDE2_B LED_CURRENT2_B[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1_B LED_CURRENT1_B[6:0] 0x0126 LED_ POW34_B [15:8] LED_ DRIVESIDE4_B LED_CURRENT4_B[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3_B LED_CURRENT3_B[6:0] 0x0127 COUNTS_B [15:8] NUM_INT_B[7:0] 0x0101 R/W [7:0] NUM_REPEAT_B[7:0] 0x0128 PERIOD_B [15:8] Reserved MOD_TYPE_B[1:0] Reserved MIN_PERIOD_B[9:8] 0x0000 R/W [7:0] MIN_PERIOD_B[7:0] 0x0129 LED_ PULSE_B [15:8] LED_WIDTH_B[7:0] 0x0210 R/W [7:0] LED_OFFSET_B[7:0] 0x012A INTEG_ SETUP_B [15:8] SINGLE_ INTEG_B CH2_AMP_DISABLE_B[2:0] AFE_INT_C_ BUF_B CH1_AMP_DISABLE_B[2:0] 0x0003 R/W [7:0] ADC_COUNT_B[1:0] Reserved INTEG_WIDTH_B[4:0] 0x012B INTEG_OS_B [15:8] Reserved INTEG_ OFFSET_B[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_B[7:0] 0x012C MOD_ PULSE_B [15:8] MOD_WIDTH_B[7:0] 0x0001 R/W [7:0] MOD_OFFSET_B[7:0] 0x012D PATTERN_B [15:8] LED_DISABLE_B[3:0] MOD_DISABLE_B[3:0] 0x0000 R/W [7:0] SUBTRACT_B[3:0] REVERSE_INTEG_B[3:0] 0x012E ADC_OFF1_B [15:8] Reserved CH1_ADC_ADJUST_B[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_B[7:0] 0x012F ADC_OFF2_B [15:8] ZERO_ ADJUST_B Reserved CH2_ADC_ADJUST_B[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_B[7:0] 0x0130 DATA_ FORMAT_B [15:8] DARK_SHIFT_B[4:0] DARK_SIZE_B[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_B[4:0] SIGNAL_SIZE_B[2:0] 0x0131 LIT_DATA_ FORMAT_B [15:8] Reserved 0x0000 R/W [7:0] LIT_SHIFT_B[4:0] LIT_SIZE_B[2:0] 0x0132 DECIMATE_B [15:8] Reserved DECIMATE_FACTOR_B[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_B[3:0] DECIMATE_TYPE_B[3:0] 0x0133 DIGINT_LIT_B [15:8] Reserved LIT_ OFFSET_ B[8] 0x0026 R/W [7:0] LIT_OFFSET_B[7:0] 0x0134 DIGINT_ DARK_B [15:8] DARK2_OFFSET_B[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_B[0] DARK1_OFFSET_B[6:0] |