| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4100 Fiches technique(PDF) 75 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 Fiches technique(HTML) 75 Page - Analog Devices |
|
75 / 101 page ![]() Data Sheet ADPD4100/ADPD4101 Rev. 0 | Page 75 of 101 Addr Name Bits Bit Name Description Reset Access1 9 INT_TCLN1_J Time Slot J Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot J. 0x0 R/W1C 8 INT_TCLN1_I Time Slot I Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot I. 0x0 R/W1C 7 INT_TCLN1_H Time Slot H Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot H. 0x0 R/W1C 6 INT_TCLN1_G Time Slot G Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot G. 0x0 R/W1C 5 INT_TCLN1_F Time Slot F Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot F. 0x0 R/W1C 4 INT_TCLN1_E Time Slot E Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot E. 0x0 R/W1C 3 INT_TCLN1_D Time Slot D Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot D. 0x0 R/W1C 2 INT_TCLN1_C Time Slot C Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot C. 0x0 R/W1C 1 INT_TCLN1_B Time Slot B Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot B. 0x0 R/W1C 0 INT_TCLN1_A Time Slot A Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot A. 0x0 R/W1C 0x0005 INT_STATUS_TC2 [15:12] Reserved Reserved. 0x0 R 11 INT_TCLN2_L Time Slot L Channel 2 ceiling detection interrupt status. This bit is set during a data register update when Channel 2 exceeds the threshold level during Time Slot L. 0x0 R/W1C 10 INT_TCLN2_K Time Slot K Channel 2 ceiling detection interrupt status. This bit is set during a data register update when Channel 2 exceeds the threshold level during Time Slot K. 0x0 R/W1C 9 INT_TCLN2_J Time Slot J Channel 2 ceiling detection interrupt status. This bit is set during a data register update when Channel 2 exceeds the threshold level during Time Slot J. 0x0 R/W1C 8 INT_TCLN2_I Time Slot I Channel 2 ceiling detection interrupt status. This bit is set during a data register update when Channel 2 exceeds the threshold level during Time Slot I. 0x0 R/W1C 7 INT_TCLN2_H Time Slot H Channel 2 ceiling detection interrupt status. This bit is set during a data register update when Channel 2 exceeds the threshold level during Time Slot H. 0x0 R/W1C 6 INT_TCLN2_G Time Slot G Channel 2 ceiling detection interrupt status. This bit is set during a data register update when Channel 2 exceeds the threshold level during Time Slot G. 0x0 R/W1C 5 INT_TCLN2_F Time Slot F Channel 2 ceiling detection interrupt status. This bit is set during a data register update when Channel 2 exceeds the threshold level during Time Slot F. 0x0 R/W1C 4 INT_TCLN2_E Time Slot E Channel 2 ceiling detection interrupt status. This bit is set during a data register update when Channel 2 exceeds the threshold level during Time Slot E. 0x0 R/W1C 3 INT_TCLN2_D Time Slot D Channel 2 ceiling detection interrupt status. This bit is set during a data register update when Channel 2 exceeds the threshold level during Time Slot D. 0x0 R/W1C |