Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8CKIT-059 Fiches technique(PDF) 21 Page - Cypress Semiconductor

No de pièce CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Fiches technique(HTML) 21 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 17Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 18Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 19Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 20Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 21Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 22Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 23Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 24Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
21
Hardware
4.2
Hardware Details
4.2.1
Target Board
The target board uses the PSoC 5LP family device. PSoC 5LP is the industry's most integrated
programmable SoC, integrating high-precision and programmable analog and digital peripherals,
and an Arm® Cortex™-M3 CPU. The PSoC 5LP features a high-precision analog-to-digital converter
(ADC), programmable amplifiers, flexible digital subsystem, unmatched parallel co-processing digital
filter block (DFB), high-throughput peripherals such as DMA, CAN, and USB, and standard
communication and timing peripherals. The programmable analog and digital subsystems allow
flexibility and in-field tuning of the design. For more information, refer to the PSoC 5LP family
datasheet in the PSoC 5LP web page.
Figure 4-2. Schematic of PSoC 5LP (Target)
P1_1
PROG_SWDCLK
P1_0
PROG_SWDIO
P_SWO
P1_3
P_TDI
P1_4
VSSA
PROG_RESET
XRES
VDDA
P0_0
P0_1
P12_0
P12_1
P2_6
P2_7
P12_4
P1_2
P3_7
P3_6
P12_5
P1_5
P15_3
P15_2
VSSD
VDDIO1
VDDIO3
P12_2
P12_3
P0_3
P0_2
VCCA
VSSD
DP
DM
U2
CY8C5888LTI-LP097 QFN68
P2_6
1
P2_7
2
P12_4 I2C0_SCL, SIO
3
P12_5 I2C0_SDA, SIO
4
VSSB
5
IND
6
VBOOST
7
VBAT
8
VSSD
9
XRES
10
P1_0
11
P1_1
12
P1_2
13
P1_3
14
P1_4
15
P1_5
16
VDDIO1
17
VDDIO3
35
P0_3
51
P0_2
50
P0_1
49
P0_0
48
SIO_P12_3
47
SIO_P12_2
46
VSSD
45
VDDA
44
VSSA
43
VCCA
42
P15_3
41
P15_2
40
SIO, I2C1_SDA P12_1
39
SIO, I2C1_SCL P12_0
38
P3_7
37
P3_6
36
R16
22E
R17
22E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48