| Moteur de recherche de fiches techniques de composants électroniques |
|
CY8CKIT-059 Fiches technique(PDF) 41 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY8CKIT-059 Fiches technique(HTML) 41 Page - Cypress Semiconductor |
|
41 / 48 page ![]() CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G 41 A.2 Programming PSoC 5LP Prototyping Kit Using MiniProg3/KitProg The target board has a provision to program the PSoC 5LP device using MiniProg3 or an external KitProg via the 5-pin SWD header or the 10-pin JTAG header. To do this, connect wires or a 5-pin 100-mil spaced header to J3 or a 10-pin JTAG header to J5 on the target board. The PSoC 5LP Prototyping Kit supports both power cycle and reset programming modes. Figure A-1. Connecting CY8CKIT-059 to MiniProg3 Note: CY8CKIT-002 MiniProg3 is not part of the PSoC 5LP Prototyping Kit contents and can be purchased from the Cypress Online Store. |