| Moteur de recherche de fiches techniques de composants électroniques |
|
CY8CKIT-059 Fiches technique(PDF) 38 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY8CKIT-059 Fiches technique(HTML) 38 Page - Cypress Semiconductor |
|
38 / 48 page ![]() CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G 38 Code Examples 5.4 CE195394_HID_Mouse This code example demonstrates the use of the USBFS component to implement a HID mouse. Using the standard HID mouse descriptor, the PSoC enumerates as a mouse on the PC. Once the enumeration is complete the PSoC sends data about the relative movement of the mouse to the PC. A single button is also implemented in the project to emulate the left button, or button 1, on a standard mouse. You can hold down the button on the kit and watch the cursor highlight text or select items on a desktop while it draws the box. Figure 5-10. CE195394_HID_Mouse For detailed operation, refer to the CE195394_HID_Mouse.pdf from PSoC Creator. |