Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8CKIT-059 Fiches technique(PDF) 30 Page - Cypress Semiconductor

No de pièce CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Fiches technique(HTML) 30 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 26Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 27Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 28Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 29Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 30Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 31Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 32Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 33Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
30
Hardware
4.2.6.4
System Capacitors
The PSoC 5LP Prototyping Kit has seven capacitors, which are used when ADC operation at high
frequencies, CapSense, or external 32-kHz crystal oscillator is required in the application.
■
Four ADC bypass capacitors: Required for proper ADC sampling at high frequencies:
❐
C9 and C12 – For two SAR ADCs
❐
C7 and C13 – For Delta Sigma ADC
■
A CapSense capacitor (CMOD): Required for proper CapSense functionality.
■
Two biasing capacitors: Required for interfacing an external 32-kHz crystal oscillator. These
capacitors are added in the Rev *A version of the PSoC 5LP Prototyping Kit.
Note: The crystal oscillator is not placed on the board, it can be soldered on pins P15_2 and P15_3.
Figure 4-14. System Capacitors Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48